Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PSCLAMP Arkusz danych(PDF) 2 Page - Tripp Lite. All Rights Reserved

Numer części PSCLAMP
Szczegółowy opis  Mounting Clamp for Medical-Grade Power Strips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PSCLAMP Arkusz danych(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PSCLAMP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PSCLAMP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
Input Cord Length (ft.)
0
Input Cord Length (m)
0
PHYSICAL
Shipping Weight (lbs.)
2.5
Shipping Weight (kg)
1.13
Unit Weight (lbs.)
2.0
Unit Weight (kg)
.907
© 2017 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2