Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PS2CLR8 Arkusz danych(PDF) 1 Page - TUK Ltd

Numer części PS2CLR8
Szczegółowy opis  8p8c 2 Part FTP Plug for XXL Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TUK [TUK Ltd]
Strona internetowa  https://tuk.co.uk/
Logo TUK - TUK Ltd

PS2CLR8 Arkusz danych(HTML) 1 Page - TUK Ltd

  PS2CLR8 Datasheet HTML 1Page - TUK Ltd PS2CLR8 Datasheet HTML 2Page - TUK Ltd PS2CLR8 Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8p8c 2 Part FTP Plug for XXL Cables
8p8c FTP plug (PGSXL)
High performance shielded connector suitable for termination of extra large outer diameter cables
for Category 6 and Category 6A
Features
Designed for Category 6 and 6A performance
Able to accommodate Category 6A and 7 cable with overall cable O.D. up to 8mm
Suitable for inner cores up to 1.5mm O.D.
3 prong contacts for solid and stranded cable
2 part plug
Shielded
No soldering required
Suitable with TUK’s specialist crimp tool T2079
http://www.tuk.co.uk/tuk_live/product_details.php?category_id=3&pId=288
Specifications
Housing colour: Transparent
Material:
Housing: Polycarbonate UL 94V-0
Contact: 50µ”/1.27µm gold plated phosphor bronze
Shell: Brass
PS2CLR8
Transparent PVC Strain Relief Boot
designed for use with PGSXL
30/06/2016 


Podobny numer części - PS2CLR8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TUK Ltd
PS2CLR TUK-PS2CLR Datasheet
232Kb / 2P
Strain Relief Over Boots
PS2CLR6 TUK-PS2CLR6 Datasheet
232Kb / 2P
Strain Relief Over Boots
More results

Podobny opis - PS2CLR8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Assmann Electronics Inc...
A-RJ45M-LR-R ASSMANN-A-RJ45M-LR-R Datasheet
228Kb / 1P
8P8C PLUG FOR CABLE ASSEMBLY TYPE
A-RJ45M-SR-R ASSMANN-A-RJ45M-SR-R Datasheet
233Kb / 1P
8P8C PLUG FOR CABLE ASEEMBLY TYPE
A-MO-8-8-SF ASSMANN-A-MO-8-8-SF Datasheet
164Kb / 1P
MODULAR PLUG 8P8C UNSHIELD
logo
3M Electronics
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
25-Mar-2010
logo
Assmann Electronics Inc...
A-MO-8-8-SFS ASSMANN-A-MO-8-8-SFS Datasheet
55Kb / 1P
Modular Cable Plug - 8P8C,
logo
SICK AG
DOL-0803-G05MNI SICK-DOL-0803-G05MNI Datasheet
230Kb / 4P
Plug connectors cables
DOL-0803-W25MNI SICK-DOL-0803-W25MNI Datasheet
254Kb / 4P
Plug connectors cables
DOL-0804-G05MNI SICK-DOL-0804-G05MNI Datasheet
223Kb / 4P
Plug connectors cables
logo
SparkFun Electronics
TOL-14694 SPARKFUN-TOL-14694 Datasheet
79Kb / 2P
Shapeoko XXL
6??5??8
logo
PHOENIX CONTACT
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
Test plug - FTP-2/4 SERVICE
09/12/2020
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com