| Zakładka z wyszukiwarką danych komponentów |
|
ECMS1922 Arkusz danych(PDF) 4 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
ECMS1922 Arkusz danych(HTML) 4 Page - Pentair plc. All rights reserved. |
|
4 / 12 page ![]() ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For open Frame rackS Spec-00035 S PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com EQUIPMENT PROTECTION acceSSorieS 4 racK-mounT STeel ShelF 19-in. Rack-Mount Shelf mounts to the front of the rack. Ideal for holding non-19-in. rack-mount equipment. Available with or without vents. Manufactured from 16 gauge steel. Black, low-gloss, lightly- textured finish on all surfaces. Load rating: 100 lb. (45.4 kg) Bulletin: DOFRc Catalog Number H x W x D in./mm Style Rack Units EMS1918 5.25 x 19.00 x 18.00 133 x 483 x 457 Solid 3 EMS1922 5.25 x 19.00 x 22.00 133 x 483 x 559 Solid 3 EMSV1918 5.25 x 19.00 x 18.00 133 x 483 x 457 Vented 3 EMSV1922 5.25 x 19.00 x 22.00 133 x 483 x 559 Vented 3 adjuSTable STeel venTed ShelF Vented shelf adjustable front to back in 25-mm increments. Shelf mounts to either front or rear flange of open frame rack. Steel with textured black polyester powder paint finish. Load rating: 60 lb. (27.2 kg) Bulletin: DAccY Catalog Number H x W x D in./mm Fits Rack Rack Units ESHVA19 3.50 x 16.93 x 15.75 89 x 430 x 400 19 in. 2 ESHVA23 3.50 x 19.93 x 15.75 89 x 506 x 400 23 in. 2 PullouT Keyboard Tray wiTh moniTor ShelF Mounts to the front and back surfaces of a standard 3-in. open frame rack. Fits full-size keyboard. includes mouse tray. extends 10.5 in. (267 mm) beyond front of open frame rack. Keyboard tray slides out an additional 7 in. (178 mm). Uses 4U rack space. 16 gauge steel with RAL 9005 black polyester powder paint finish. Monitor shelf load rating: 100 lb. (45.4 kg) Bulletin: DAccY Catalog Number H x W x D in./mm Fits Rack Rack Units E19SKBM 7.00 x 19.90 x 10.24 178 x 505 x 260 19 in. 4 Pull-ouT ShelF For mini Keyboard Pull-Out Shelf for Mini Keyboard mounts either in a cabinet or on a 19-in. open-frame rack and fits a 16.25-in. (413-mm) wide keyboard. When closed, all parts slide between rack angles. Keyboard tray slides out 8.94 in. (227 mm). 16 gauge steel with RAL 9005 black polyester powder paint finish. Bulletin: DAccY Catalog Number H x W x D in./mm Fits Rack Rack Units P19KBSM 3.50 x 18.31 x 12.42 89 x 465 x 315 19 in. 2 |