Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SO2369 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części SO2369
Szczegółowy opis  SMALL SIGNAL NPN TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO2369 Arkusz danych(HTML) 3 Page - STMicroelectronics

  SO2369 Datasheet HTML 1Page - STMicroelectronics SO2369 Datasheet HTML 2Page - STMicroelectronics SO2369 Datasheet HTML 3Page - STMicroelectronics SO2369 Datasheet HTML 4Page - STMicroelectronics SO2369 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
fT
Transit ion F requency
IC =10 mA VCE = 10V f = 100MHz
for SO2369A
for BSV52/SO 2369
500
400
MHz
MHz
CCB
Collect or Base
Capacitance
IE =0
VCE =5 V
f =1 MHz
4
pF
CEB
Emitt er Base
Capacitance
IC =0
VEB =1 V
f =1 MHz
for BSV52
4.5
pF
ton
Turn On T ime
IC =10 mA
VBE =-0.5 V
IB =3 mA
12
ns
ts
St orage Time
IC =10 mA
IB1 =-IB2 =10mA
13
ns
toff
Turn Off T ime
IC =10 mA
IB1 =3 mA
IB2 = -1.5 mA
18
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2%
BSV52/SO2369/SO2369A
3/5



Html Pages

1 2 3 4 5