Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TOP200YAI Arkusz danych(PDF) 14 Page - Power Integrations, Inc.

Numer części TOP200YAI
Szczegółowy opis  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWERINT [Power Integrations, Inc.]
Strona internetowa  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP200YAI Arkusz danych(HTML) 14 Page - Power Integrations, Inc.

Back Button TOP200YAI Datasheet HTML 8Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 9Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 10Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 11Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 12Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 13Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 14Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 15Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 16Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
TOP200-4/14
D
7/96
14
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75 100 125 150
Junction Temperature (
°C)
CURRENT LIMIT vs. TEMPERATURE
2
1.2
1.6
0
0
204060
80
100
Drain Voltage (V)
IC vs. DRAIN VOLTAGE
0.4
0.8
VC = 5 V
The control pin voltage will be oscillating
at a low frequency from 4.7 to 5.7 V and
the DRAIN is turned on every eighth
cycle of the CONTROL pin oscillation.
If the CONTROL pin power supply is
turned on while in this auto-restart mode,
there is only a 12.5% chance that the
control pin oscillation will be in the
correct state (DRAIN active state) so
The following precautions should be
followed when testing TOPSwitch by
itself outside of a power supply. The
schematic shown in Figure 14 is
suggested for laboratory testing of
TOPSwitch.
When the DRAIN supply is turned on,
the part will be in the auto-restart mode.
BENCH TEST PRECAUTIONS FOR EVALUATION OF ELECTRICAL CHARACTERISTICS
1.1
1.0
0.9
-50 -25
0
25
50
75 100 125 150
Junction Temperature (
°C)
BREAKDOWN vs. TEMPERATURE
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75 100 125 150
Junction Temperature (
°C)
FREQUENCY vs. TEMPERATURE
that the continuous DRAIN voltage
waveform may be observed.
It is
recommended that the V
C power supply be
turned on first and the DRAIN power supply
second if continuous drain voltage
waveforms are to be observed. The 12.5%
chance of being in the correct state is due to
the 8:1 counter.
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com