| Zakładka z wyszukiwarką danych komponentów |
|
TOP203YAI Arkusz danych(PDF) 14 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP203YAI Arkusz danych(HTML) 14 Page - Power Integrations, Inc. |
|
14 / 16 page ![]() TOP200-4/14 D 7/96 14 1.2 1.0 0.8 0.6 0.4 0.2 0 -50 -25 0 25 50 75 100 125 150 Junction Temperature ( °C) CURRENT LIMIT vs. TEMPERATURE 2 1.2 1.6 0 0 204060 80 100 Drain Voltage (V) IC vs. DRAIN VOLTAGE 0.4 0.8 VC = 5 V The control pin voltage will be oscillating at a low frequency from 4.7 to 5.7 V and the DRAIN is turned on every eighth cycle of the CONTROL pin oscillation. If the CONTROL pin power supply is turned on while in this auto-restart mode, there is only a 12.5% chance that the control pin oscillation will be in the correct state (DRAIN active state) so The following precautions should be followed when testing TOPSwitch by itself outside of a power supply. The schematic shown in Figure 14 is suggested for laboratory testing of TOPSwitch. When the DRAIN supply is turned on, the part will be in the auto-restart mode. BENCH TEST PRECAUTIONS FOR EVALUATION OF ELECTRICAL CHARACTERISTICS 1.1 1.0 0.9 -50 -25 0 25 50 75 100 125 150 Junction Temperature ( °C) BREAKDOWN vs. TEMPERATURE 1.2 1.0 0.8 0.6 0.4 0.2 0 -50 -25 0 25 50 75 100 125 150 Junction Temperature ( °C) FREQUENCY vs. TEMPERATURE that the continuous DRAIN voltage waveform may be observed. It is recommended that the V C power supply be turned on first and the DRAIN power supply second if continuous drain voltage waveforms are to be observed. The 12.5% chance of being in the correct state is due to the 8:1 counter. Typical Performance Characteristics |
|
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |