Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB.A Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części DP83849IFVS/NOPB.A
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Arkusz danych(HTML) 2 Page - Texas Instruments

  DP83849IFVS/NOPB.A Datasheet HTML 1Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 2Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 3Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 4Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 5Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 6Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 7Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 8Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
1.3
Description
The number of applications requiring Ethernet Connectivity continues to expand. Along with this increased
market demand is a change in application requirements. Where single channel Ethernet used to be
sufficient, many applications such as wireless remote base stations and industrial networking now require
DUAL Port functionality for redundancy or system management.
The DP83849IF is a highly reliable, feature rich device perfectly suited for industrial applications enabling
Ethernet on the factory floor. The DP83849IF features two fully independent 10/100 ports for multi-port
applications. Texas Instruments’ unique port switching capability also allows the two ports to be configured
to provide fully integrated range extension, media conversion, hardware based failover and port
monitoring.
The DP83849IF provides optimum flexibility in MPU selection by supporting both MII and RMII interfaces.
The device also provides flexibility by supporting both copper and fiber media. In addition this device
includes a powerful new diagnostics tool to ensure initial network operation and maintenance.
In addition to the TDR scheme, commonly used for detecting faults during installation, TI’s innovative
cable diagnostics provides for real time continuous monitoring of the link quality. This allows the system
designer to implement a fault prediction mechanism to detect and warn of changing or deteriorating link
conditions.
With the DP83849IF, TI continues to build on its Ethernet expertise and leadership position by providing a
powerful combination of features and flexibility, easing Ethernet implementation for the system designer.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Introduction
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com