| Zakładka z wyszukiwarką danych komponentów |
|
LP8550TLX-A/NOPB Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP8550TLX-A/NOPB Arkusz danych(HTML) 5 Page - Texas Instruments |
|
5 / 49 page ![]() LP8550 www.ti.com SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) (2) MIN MAX UNIT VIN –0.3 24 VLDO –0.3 6 Voltage on logic pins (VSYNC, PWM, EN, SCLK, SDA) –0.3 6 V –0.3 VVDDIO + Voltage on logic pin (FAULT) 0.3 Voltage on analog pins (FILTER, VDDIO, ISET, FSET) –0.3 6 V (OUT1...OUT6, SW, FB) –0.3 44 Continuous power dissipation (3) Internally Limited Junction temperature (TJ-MAX) 125 °C Maximum lead temperature (soldering) See (4) (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications. (3) Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and disengages at TJ = 130°C (typ.). (4) For detailed soldering specifications and information, please refer to Application Report AN-1112 DSBGA Wafer Level Chip Scale Package (SNVA009). 7.2 Handling Ratings MIN MAX UNIT Tstg Storage temperature range –65 150 °C Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) -2 2 kV Electrostatic V(ESD) Charged device model (CDM), per JEDEC spec. JESD22-C101, all pins(2) –200 200 V discharge Machine model –1 1 kV (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) (1) (2) MIN NOM MAX UNIT VIN (Figure 27) 5.5 22 Input voltage range VIN + VLDO (Figure 31) 4.5 5.5 V VDDIO 1.65 5 V(OUT1...OUT6, SW, FB) 0 40 TJ Junction temperature –30 125 °C TA (3) Ambient temperature –30 85 (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to the potential at the GND pins. (3) In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX). Copyright © 2010–2014, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LP8550 |