Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCDTS6 Arkusz danych(PDF) 2 Page - Multicomp Pro

Numer części MCDTS6
Szczegółowy opis  Tact Switches - SPNO & Caps MCDTS Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MULTICOMP [Multicomp Pro]
Strona internetowa  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCDTS6 Arkusz danych(HTML) 2 Page - Multicomp Pro

  MCDTS6 Datasheet HTML 1Page - Multicomp Pro MCDTS6 Datasheet HTML 2Page - Multicomp Pro MCDTS6 Datasheet HTML 3Page - Multicomp Pro MCDTS6 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page <2>
V1.0
13/05/20
Tact Switches - SPNO & Caps
MCDTS Series
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Electrical
Electrical Life
: 260 gf has 50,000 cycles
100 gf, 160 gf has 500,000 cycles
Current Rating
: 50mA, 12V DC
Contact Resistance
: 100m maximum
Insulation Resistance
: 10M 500V DC
Dielectric Strength
: 250V AC / 1 minute
WaveSolder
:260°Cmaximum5seconds1.6mmPCB
HandSolder
:320°C2seconds30Wiron
PCBHoleDiameter
:1±0.05mm
Soldering Process
WaveSoldering
:Recommendedsoldertemperatureat500°F(260°C)maximum5secondssubjecttoPCBthickness
of 1.6mm
HandSoldering
:Useasolderingironof30watts,controlledat08°F(320°C)approximatelyfor2secondswhile
applying solder
Diagrams
MCDTS-6
MCDTSA6
MCDTS-6
Dimensions : Millimetres (Inches)



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com