Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCDTSA6-2K Arkusz danych(PDF) 3 Page - Multicomp Pro

Numer części MCDTSA6-2K
Szczegółowy opis  Tact Switches - SPNO & Caps MCDTS Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MULTICOMP [Multicomp Pro]
Strona internetowa  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCDTSA6-2K Arkusz danych(HTML) 3 Page - Multicomp Pro

  MCDTSA6-2K Datasheet HTML 1Page - Multicomp Pro MCDTSA6-2K Datasheet HTML 2Page - Multicomp Pro MCDTSA6-2K Datasheet HTML 3Page - Multicomp Pro MCDTSA6-2K Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
V1.0
13/05/20
Tact Switches - SPNO & Caps
MCDTS Series
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
MCDTSJW6
MCDTSA6
MCDTSA6
MCDTSJW6
MCDTS-2
Dimensions : Millimetres (Inches)
P.C.B. Layout
Circuit
MCDTS-2 and MCDTS-6
MCDTSJW6
MCDTSA6
MCDTS6 Series (6mm × 6mm)
Specification Table
Termination Type
Part Number
J Type S.M.T.
MCDTSJW6-6N
MCDTS2 Series (12mm × 12mm)
Actuator Style /
Operating Force (gf)
PCB Drilling
Part Number
4.3 / 160
12.5 × 5
MCDTS2-1N
7.3(SQ)×3.8/260
MCDTS2-4R
4.3 / 260
MCDTS2-1R
Overall Height /
Operating Force (gf)
PCB Drilling
Part Number
4.3 / 100
6.5 × 4.5
MCDTS6-1K
4.3 / 160
MCDTS6-1N
4.3 / 260
MCDTS6-1R



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com