Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLST4H Arkusz danych(PDF) 1 Page - PANDUIT CORP.

Numer części PLST4H
Szczegółowy opis  Pan-Ty® Stud Mounted Cable Ties – Heat Stabilized and Heat Stabilized Weather Resistant Nylon 6.6
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANDUIT [PANDUIT CORP.]
Strona internetowa  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLST4H Arkusz danych(HTML) 1 Page - PANDUIT CORP.

  PLST4H Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R I C A L S O LU T I O N S
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
• Heat stabilized material for high temperature applications
up to 239°F (115°C) – indoor use
• Heat stabilized weather resistant material has greater resistance
to damage caused by ultraviolet light and for high temperature
applications up to 212°F (100°C) – indoor or outdoor use
• Integral mount pushes onto a threaded stud and tie wraps
around bundle
• Mid-mount style (PLST_SC) centers the wire bundle over the stud
• Tie can be removed from the stud by turning counterclockwise
• Releasable style available (PRST)
• Curved tip is easy to pick up from flat surfaces and allows faster
initial threading to speed installation
Pan-Ty ® Stud Mounted Cable Ties – Heat Stabilized and
Heat Stabilized Weather Resistant Nylon 6.6
Note: UL Recognized and CSA Certified except PLST4H.
PLST30SC/50SC
PRST40SC
PLST4H
Heat Stabilized Weather Resistant Nylon 6.6
Light-Heavy Cross Section
PLST4HS25-TL300 15.3
389
.300
7.6
.075
1.9 1/4-20
6.4
4.00
102
120
534
GTH, GS4H,
GS4EH, PTH,
STH2, ST3EH
250
2500
Part Number
Length
Width
Thickness
Recommended
Stud
Size
Max.
Bundle
Dia.
Min.
Loop
Tensile Str.
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
Lbs.
N
Heat Stabilized Nylon 6.6
Standard Cross Section
PLST30SC-D30
5.7
146
.190
4.8
.050
1.3
10-24
5.0
1.18
30
50
222
GTS, GTSL,
GS2B, GTH,
GS4H, PTS, PTH,
PPTS, STS2,
STH2
500
5000
PLST50SC-D30
8.1
207
.190
4.8
.050
1.3
10-24
5.0
1.97
50
50
222
500
5000
PRST40SC-D30
6.9
176
.190
4.8
.050
1.3 10-24
5.0
1.57
40
50
222
Hand install only
500
5000


Podobny numer części - PLST4H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Electronic devices inc.
PLS EDI-PLS Datasheet
37Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
logo
Nichicon corporation
PLS NICHICON-PLS Datasheet
990Kb / 2P
Radial Lead Type, Long Life Assurance
logo
Littelfuse
PLS LITTELFUSE-PLS Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
World?셲 smallest magnetic Level Sensor
PLS-020A-3PPI PIC-PLS-020A-3PPI Datasheet
209Kb / 2P
Weltkleinster magnetisch
More results

Podobny opis - PLST4H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0192520132 MOLEX4-0192520132 Datasheet
76Kb / 2P
101.60mm (4.000") Heat Stabilized Black Cable Tie
logo
PANDUIT CORP.
SST4I-C PANDUIT-SST4I-C Datasheet
87Kb / 1P
Sta-Strap 짰 Cable Ties . Nylon 6.6
PLT3S-M0 PANDUIT-PLT3S-M0 Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT4H-TL76 PANDUIT-PLT4H-TL76 Datasheet
50Kb / 1P
PAN-TY CABLE TIES PLT ELEVATED TEMPERATURE SERIES
PLT3I-M PANDUIT-PLT3I-M Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT1S-M PANDUIT-PLT1S-M Datasheet
83Kb / 2P
PAN-TY CABLE TIES - PLT SERIES
PL3B5EH-C0 PANDUIT-PL3B5EH-C0 Datasheet
132Kb / 1P
Pan-Ty Triple Loop Cable Tie ?밯eather Resistant Nylon 6.6
PRLWP30S-D30 PANDUIT-PRLWP30S-D30 Datasheet
96Kb / 2P
Ladder Style Releasable Wing Push Mount Ties ??Heat Stabilized Nylon 6.6
logo
OEN India Limited
04-CW07-50 OENINDIA-04-CW07-50 Datasheet
385Kb / 1P
Cold Weather Cable Ties
logo
Lapp.
61723351 LAPP-61723351 Datasheet
78Kb / 1P
Detectable Cable ties with steel nose (TY-RAP®)
31.08.2023
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com