| Zakładka z wyszukiwarką danych komponentów |
|
640468 Arkusz danych(PDF) 60 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 Arkusz danych(HTML) 60 Page - TE Connectivity Ltd |
|
60 / 84 page ![]() 60 Housings Material (RoHS Compliant) UL94V-0 rated, nylon, white Notes: 1. Accepts either .045 [1.14] square or round posts. Housings mate with flat and friction lock headers, or staked posts on .156 [3.96] centers. 2. Housings without ramp, with polarizing tab, available upon request. Minimums may apply. 3. Recommend contact: Part No. 640252 for 1 thru 12 positions; Part No. 350980 for 13 thru 24 positions; Part No. 770476 for 1 thru 24 positions. (A) With Locking Ramp/With Polarizing Tabs (B) With Locking Ramp/Without Polarizing Tabs (C) Without Locking Ramp/Without PolarizingTabs .660 [16.76] .100 [2.54] .019 [0.48] .250 [6.35] 12 22 3 4 .156 [3.96] Typ. .076 [1.93] Typ. A .097 [2.46] .037 [0.93] Ref. 12 22 3 4 .660 [16.76] .250 [6.35] .100 [2.54] .156 [3.96] Typ. .076 [1.93] Typ. A .037 [0.93] .097 [2.46] Ref. 12 22 3 4 .660 [16.76] .250 [6.35] .156 [3.96] Typ. .076 [1.93] A Typ. .060 [1.52] For contacts, see page 59. For mateability options, see matrix on page 58. For mating half visuals, for connectors with locking ramp, see pages 46, 47, 48, 50 and 52, (49 and 51 Front Bend Headers only.) For mating half visuals, for connectors without lock- ing ramp, see pages 46 thru 52. No. of Housing Description Part Numbers* Positions* 2–24 A With Locking Ramp and Polarizing Tabs 770849 1–24 B With Locking Ramp and without Polarizing Tabs 640250 C Without Locking Ramp or Polarizing Tabs 640251 *Base Part Number Prefixes and Suffixes indicate number of contact positions, e.g. 2 Position = 0-xxxxxx-2 and 12 Position = 1-xxxxxx-2. Note: Housings not for use with LID Contacts. Shown on page 62. Note: Dim. A = 0.156 (No. of Positions – 1) 0.152 SL-156 Housings—Wire-to-Board MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |