Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PPC215 Arkusz danych(PDF) 1 Page - Pro-Power

Numer części PPC215
Szczegółowy opis  KPT-238ESD Antistatic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROPOWER [Pro-Power]
Strona internetowa  
Logo PROPOWER - Pro-Power

PPC215 Arkusz danych(HTML) 1 Page - Pro-Power

  PPC215 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
09/06/16
KPT-238ESD
Antistatic
Features
• Antistatic
• Heat-resist
• Anti corrosion
• Pressure-sensitive adhesive
• No remaining adhesive
Specifications
Construction
: Substrate material, primer, adhesive
Premier coating, Adhesive : American dow corning silicone adhesive
Substrate Material
: Polyimide
Item
Specification
Unit
Film Thickness
0.025 ±0.002
mm
Total Thickness
0.065 ±0.004
mm
Adhesion
2.5 - 4.3
N / 25 mm
Tensile Strength
≥ 85
N / 25 mm
Surface Impedance
≥ 109
Ω
Unwinding Voltage
< 50
V
Heat Resistance
280
°C / 5 min
Length
33
M
Width
3 - 500
mm
Colour
Brown
-
Storage, Handling
Storage must be in a dry, non-corrosive and
shine environment
Shelf Life
Shelf life is 1 year from data of manufacture
Specification Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Tape, Kapton, ESD, Brown, 9mm × 33M
PPC212
Tape, Kapton, ESD, Brown, 12mm × 33M
PPC213
Tape, Kapton, ESD, Brown, 19mm × 33M
PPC214
Tape, Kapton, ESD, Brown, 25mm × 33M
PPC215


Podobny numer części - PPC215

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
PPC215 ETC2-PPC215 Datasheet
535Kb / 1P
Construction Substrate material, primer, adhesive
More results

Podobny opis - PPC215

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BB25AH ETC1-BB25AH Datasheet
1Mb / 6P
MOMENTARY & ALTERNATE/ANTISTATIC/WASHABLE
logo
Nihon Kaiheiki Industry...
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
Process Sealed Subminiature Antistatic Pushbuttons
B12AP NKK-B12AP Datasheet
299Kb / 8P
Process Sealed Subminiature Antistatic Toggles
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
Antistatic Process Sealed Keylocks
logo
GREATECS
SK13AEG13 GREATECS-SK13AEG13 Datasheet
758Kb / 1P
Antistatic Process Sealed Keylock Switches
logo
ITT Industries
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
28504 ETC2-28504 Datasheet
86Kb / 1P
Antistatic Stud Fix Adaptor
logo
Nihon Kaiheiki Industry...
SK14DGMG01 NKK-SK14DGMG01 Datasheet
620Kb / 2P
Antistatic Snap-in Keylock
logo
List of Unclassifed Man...
81203 ETC2-81203 Datasheet
37Kb / 1P
Antistatic Cellulose Tape
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com