| Zakładka z wyszukiwarką danych komponentów |
|
STTH2006 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH2006 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() Characteristics STTH2006 2/7 1 Characteristics s To evaluate the conduction losses use the following equation: P = 1.13 x IF(AV) + 0.011 IF 2 (RMS) Table 2. Thermal resistance Symbol Parameter Value (max). Unit Rth(j-c) Junction to case 1.1 °C/W Table 3. Static electrical characteristic Symbol Parameter Test conditions Min. Typ Max. Unit IR (1) 1. Pulse test: tp = 5 ms, δ < 2% Reverse leakage current Tj = 25° C VR = VRRM 25 µA Tj = 150° C 80 800 VF (2) 2. Pulse test: tp = 380 µs, δ < 2% Forward voltage drop Tj = 25° C IF = 20 A 1.75 V Tj = 150° C 1.00 1.35 Table 4. Dynamic characteristics Symbol Parameter Test conditions Min. Typ Max. Unit trr Reverse recovery time Tj = 25° C IF = 0.5 A Irr = 0.25 A IR =1 A 50 ns IF = 1 A dIF/dt = -50 A/µs VR =30 V 50 70 IRM Reverse recovery current Tj = 125° C IF = 30 A VR = 400 V dIF/dt = -100 A/µs 811 A tfr Forward recovery time Tj = 25 °C IF = 30 A dIF/dt = 100 A/µs VFR = 1.1 x VFmax 500 ns VFP Forward recovery voltage Tj = 25° C IF = 30 A dIF/dt = 100 A/µs VFR = 1.1 x VFmax 2.5 V |