| Zakładka z wyszukiwarką danych komponentów |
|
PAXUSB Arkusz danych(PDF) 10 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
PAXUSB Arkusz danych(HTML) 10 Page - Red Lion Controls. Inc |
|
10 / 32 page ![]() 10 10 11 -+ 4.3 INPUT WIRING CAUTION: Sensor input common is NOT isolated from user input common. In order to preserve the safety of the meter application, the sensor input common must be suitably isolated from hazardous live earth referenced voltage; or input common must be at protective earth ground potential. If not, hazardous voltage may be present at the User Inputs and User Input Common terminals. Appropriate considerations must then be given to the potential of the user input common with respect to earth ground; and the common of the isolated option cards with respect to input common. AC Inputs From Tach Generators, Etc. Input A Two Wire Proximity, Current Source Input A Magnetic Pickup Input A Current Sourcing Output Input A Interfacing With TTL Input A Current Sinking Output Input A Switch or Isolated Transistor; Current Sink Input A Current Sink Output; Quad/Direction Single Counter A Switch or Isolated Transistor; Current Source Input A Switch position is application dependent. Emitter Follower; Current Source Input A Current Sink Output; Quad/Direction Counter A & Rate B Counter A & Counter B Current Sink Output; Quad/Direction If you are wiring Input B, connect signal to Terminal 6 instead of 5, and set DIP switches 4, 5, and 6 to the positions shown for 1, 2, and 3. If using single Counter B, then wire signal to 6, and Quad/Direction to 8. Set switch positions 4, 5, and 6 as shown for 1, 2, and 3. User Input Jumper in Sink Position User Input Jumper in Sink Position Shaded areas not recommended for counting applications. 4.4 PAXI PRESCALER OUTPUT WIRING (NPN O.C.) 4.5 SETPOINT (ALARMS) WIRING 4.6 SERIAL COMMUNICATION WIRING 4.7 ANALOG OUTPUT WIRING See appropriate option card bulletin for wiring details. |