Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISM330BX Arkusz danych(PDF) 47 Page - STMicroelectronics

Numer części ISM330BX
Szczegółowy opis  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Arkusz danych(HTML) 47 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 43Page - STMicroelectronics ISM330BX Datasheet HTML 44Page - STMicroelectronics ISM330BX Datasheet HTML 45Page - STMicroelectronics ISM330BX Datasheet HTML 46Page - STMicroelectronics ISM330BX Datasheet HTML 47Page - STMicroelectronics ISM330BX Datasheet HTML 48Page - STMicroelectronics ISM330BX Datasheet HTML 49Page - STMicroelectronics ISM330BX Datasheet HTML 50Page - STMicroelectronics ISM330BX Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 150 page
background image
7.3
ISM330BX electrical connections for Qvar
The Qvar core is available in both mode 1 and mode 2 connection modes. It can be enabled by setting to 1 the
AH_QVAR_EN bit and the AH_QVAR1_EN / AH_QVAR2_EN bit in the CTRL7 (16h) register.
The Qvar external electrode connections are illustrated in the following figure.
Figure 30. Qvar external connections to pin 6, 9 (Qvar input)
ISM330BX
AH1/QVAR1
AH2/QVAR2
500 Ω
500 Ω
110 pF
110 pF
Electrode 1
Electrode 2
D1
(1)
D2
(1)
(1) ST ESDALCL5-1BM2 is referenced as an ST catalog product but similar features of other ESD diodes also can be used.
Note:
Figure 30 provides an example of a test circuit. For a specific application, refer to the related application note.
ISM330BX
Application hints
DS14588 - Rev 2
page 47/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com