| Zakładka z wyszukiwarką danych komponentów |
|
LM431BCZ/NOPB Arkusz danych(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM431BCZ/NOPB Arkusz danych(HTML) 11 Page - Texas Instruments |
|
11 / 37 page ![]() LM431 www.ti.com SNVS020H – MAY 2000 – REVISED JANUARY 2016 Feature Description (continued) Figure 11. Equivalent Circuit 8.4 Device Functional Modes The LM431 is most commonly operated in closed-loop mode, where the reference node is tied to the output voltage via a resistor divider. The output voltage remains in regulation as long as Iz is between 1 mA and 100 mA. The part can also be used in open-loop mode to act as a comparator, driving the feedback node from another voltage source. Copyright © 2000–2016, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM431 |