Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1MD4 Arkusz danych(PDF) 3 Page - Multicomp Pro

Numer części 1MD4
Szczegółowy opis  Toggle Switches Miniature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MULTICOMP [Multicomp Pro]
Strona internetowa  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1MD4 Arkusz danych(HTML) 3 Page - Multicomp Pro

  1MD4 Datasheet HTML 1Page - Multicomp Pro 1MD4 Datasheet HTML 2Page - Multicomp Pro 1MD4 Datasheet HTML 3Page - Multicomp Pro 1MD4 Datasheet HTML 4Page - Multicomp Pro 1MD4 Datasheet HTML 5Page - Multicomp Pro 1MD4 Datasheet HTML 6Page - Multicomp Pro 1MD4 Datasheet HTML 7Page - Multicomp Pro 1MD4 Datasheet HTML 8Page - Multicomp Pro 1MD4 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page <3>
V1.1
13/06/23
Toggle Switches
Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Pole Options
3PDT
4PDT
Single Pole, 3 Position
Double Pole, 3 Position
Model
No.
1M46
ON
ON
ON
Term.
Comm.
2 to 3, 5 to 6
8 to 9,
11 to 12
2 to 3, 5 to 4
8 to 9,
11 to 10
2 to 1, 5 to 4
8 to 7,
11 to 10
Model
No.
1M46
ON
ON
ON
Term.
Comm.
2 to 3, 5 to 6
8 to 9,
11 to 12
2 to 3, 5 to 4
8 to 9,
11 to 10
2 to 1, 5 to 4
8 to 7,
11 to 10
Dimensions : Inches (Millimetres)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com