| Zakładka z wyszukiwarką danych komponentów |
|
LP5900SD-2.7/NOPB.A Arkusz danych(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5900SD-2.7/NOPB.A Arkusz danych(HTML) 20 Page - Texas Instruments |
|
20 / 29 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LP5900TL-4.5/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-4.5/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-1.5/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-1.5/NOPB.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-1.8/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-1.8/NOPB.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.1/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.1/NOPB.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.3/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.3/NOPB.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.5/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.5/NOPB.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.6/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.6/NOPB.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.7/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.7/NOPB.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.75/NO.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.75/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.8/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.8/NOPB.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.85/NO.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-2.85/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-3.0/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-3.0/NOPB.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-3.3/NOPB Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-3.3/NOPB.A Active Production DSBGA (YZR) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900XR-2.8/NOPB Active Production DSBGA (YPF) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900XR-2.8/NOPB.A Active Production DSBGA (YPF) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900XRX-2.8/NOPB Active Production DSBGA (YPF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900XRX-2.8/NOPB.A Active Production DSBGA (YPF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 Addendum-Page 3 |