| Zakładka z wyszukiwarką danych komponentów |
|
CC3301MOD Arkusz danych(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC3301MOD Arkusz danych(HTML) 8 Page - Texas Instruments |
|
8 / 35 page ![]() Table 5-1. Pin Descriptions (continued) PIN SIGNAL NAME TYPE DIR (I/O) VOLTAGE LEVEL SHUTDOWN STATE STATE AFTER POWER-UP DESCRIPTION 65 GND GND GND 1. All digital I/Os (with the exception of SDIO signals) are Hi-Z when the device is in shutdown mode with internal PU/PD according to the "shutdown state" column. 2. See software release notes for support level. 3. Logger and Host_IRQ_WL pins are sensed by the device during boot, see CC33xx Hardware Integration. CC3300MOD, CC3301MOD SWRS333A – JULY 2025 – REVISED AUGUST 2025 www.ti.com 8 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: CC3300MOD CC3301MOD |