| Zakładka z wyszukiwarką danych komponentów |
|
PDIFMP33UX Arkusz danych(PDF) 2 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
PDIFMP33UX Arkusz danych(HTML) 2 Page - Banner Engineering Corp. |
|
2 / 42 page ![]() Fiber Systems 164 More information online at bannerengineering.com Fiber Systems Two-part fiber systems include the sensor and the separately purchased application-specific fiber. 1. Sensors The sensor contains all the electronics, the amplifier and the mechanical interface to the fiber. Some models are sealed and rated IP67 to mount directly on a machine; other are designed to be DIN-rail mounted in a centralized control enclosure. 2. Fibers Sensing fibers are non-electronic, light-transmitting, optical- quality glass or plastic strands encased in cladding that reflects light to the core. Fibers transmit and/or receive light from the LED of a sensor. Glass fibers are arranged in bundles, and plastic fibers are typically packaged as monofilaments with a protective jacket of polyethylene, PVC, stainless-steel braid or other material. Fiber sensing tips have a wide variety of shapes and configurations. When to Use Fiber Systems • Confined areas. The small size and flexibility of fibers allows precise positioning where space is limited. • High temperatures. Fiber optic assemblies can tolerate elevated temperatures—in some cases as high as 480° C. • High vibration and shock. The low mass of fibers enables them to withstand extreme vibration and mechanical shock. • Corrosive and wet environments. Special purpose fibers withstand corrosive materials, moisture and even repeated washdown. • Explosive environments. Fibers are passive and can safely pipe light to and from hazardous areas. • Noisy environments. Fibers are non-electronic mechanical components and are completely immune to electrical noise. • Unique target shapes and requirements. Fiber optic sensing heads can be custom designed and optimally shaped to the physical and optical requirements of a specific application. Typical Applications • Punch presses • Tablet counting • Vibratory feeders • Ovens • Conveyors • Semiconductor processing equipment • Web control • Liquid level Compare & select fiber optic sensors online: www.bannerengineering.com/iselect System Overview The broadest selection of fiber sensors in the world. Sensor Model Models for Plastic Fibers Page Number Models for Glass Fibers Page Number WORLD-BEAM® page 70 page 70 MINI-BEAM® page 77 page 77 Q23/QH23 page 90 QM42 page 136 Q45 page 142 page 142 OMNI-BEAM® page 155 page 155 D10 page 166 D12 page 172 page 172 R55F page 177 page 177 FI22 page 180 D11 page 32 ECONO-BEAM® page 32 page 32 MAXI-BEAM® page 33 page 33 MULTI-BEAM® page 33 PC44 See data sheet p/n 32910 VALU-BEAM® page 32 page 32 SM512 page 33 |