Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

640468 Arkusz danych(PDF) 58 Page - TE Connectivity Ltd

Numer części 640468
Szczegółowy opis  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Arkusz danych(HTML) 58 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 54Page - TE Connectivity Ltd 640468 Datasheet HTML 55Page - TE Connectivity Ltd 640468 Datasheet HTML 56Page - TE Connectivity Ltd 640468 Datasheet HTML 57Page - TE Connectivity Ltd 640468 Datasheet HTML 58Page - TE Connectivity Ltd 640468 Datasheet HTML 59Page - TE Connectivity Ltd 640468 Datasheet HTML 60Page - TE Connectivity Ltd 640468 Datasheet HTML 61Page - TE Connectivity Ltd 640468 Datasheet HTML 62Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
PAGE 58
MTA, CST-100 II and SL-156 Connectors
MTA Application Tooling Options
Manual Arbor Frame (with slide)
Part Number 1583518-1*
Upper Tooling
Part Number 1583514-1*
Fixture, Discrete Wire, Closed End
Part Number 1583515-1 (28-26 AWG)
Part Number 1583515-2 (30-28 AWG)
Fixture, Discrete Wire, Feed-Thru
Part Number 1583516-1 (28-26 AWG)
Part Number 1583516-2 (30-28 AWG)
Fixture, Ribbon Cable, Closed End or
Feed-Thru
Part Number 1583517-1
*Required, plus appropriate Fixture(s).
One-At-A-Time Termination Tooling Part Numbers
Note: Max. Insulation Outside Diameter Wire:
.060 [1.52] for MTA-100 Connectors /.095 [2.41] for MTA-156 Connectors
MTA-100 and MTA-156 Mass Termination Tooling Part Numbers
Note: Max. Insulation Outside Diameter Wire:
.050 [1.27] for MTA-100 Connectors /.070 [1.78]
for MTA-156 Connectors
Harness Board Holding Fixture
Interchangeable Head
MTA Connector
Interchangeable Head
Used With
and Tape Feed Track
Assembly
Part Number
Used With
Part Number Applicator
Tooling
Part Number
Used With
Assembly
Assembly
Closed End
58242-1
854175-1 &
312522-1
58242-3
58575-1
854200-1 (Base)
Feed Thru
58644-1 (Discrete Wire)†
58074-1
(Man Hd Tl)
58074-1
(Man Hd Tl)
58243-1
MTA-100
58644-2 (Notched Cable)†
58243-3
58575-1
Connector
Closed End
58635-1
58575-1
(Posted)
Feed Thru
58636-1
58575-1
(Posted)
Closed End
58244-1
854176-1 &
312522-1
58244-3
58576-1
854200-1 (Base)
Feed Thru
58646-1 (Discrete Wire)††
58245-1
MTA-156
58646-2 (Notched Cable)††
58245-3
58576-1
Connector
Card Edge
59848-1
59848-3
58576-1
Closed End
58009-1
(Posted)
58009-2
58576-1
Feed Thru
58010-2
58576-1
(Posted)
Manual Bench
Closed End
58244-1
Tool 58024-1
58244-3
58576-1
and Tooling
MTA-156
Assy 58040-1
Quad
58245-1
58024-1 and
Feed Thru
Tooling Assy
58245-3
58576-1
58040-1
2- through 12-positions.†† 2- through 8-positions.
Manual Bench
Tool 58024-1
and Tooling
Assembly
58039-1
Manual Bench
Tool 58024-1
and Tooling
Assembly
58040-1
Interchangeable Head and
Interchangeable Head
Interchangeable Head
Loose-Piece Feed Track
and Tape Feed Track
T-Handle
MTA Connector Manual Hand Tool 58074-1
Air Bench Mount
Air Bench Mount
Special
Mainte-
Assembly
Air Hand Tool 58075-1
Tool 58338-1
Tool 58338-1
Applicator
nance
Tool
Air Bench Mount Tool 58338-1
Electric Bench
Electric Bench
Electric Bench Machine 931800-1 Machine 931800-1
Machine 931800-1
MTA-50
Closed End
1583503-1
Feed Thru
Closed
58246-1 (Standard)*
n
853546-1& 853542-1
End
58246-2 (Ext Wear)
*
933567-1
466728-1
59803-1
MTA-100
58246-3 (Ribbon Cable)
(Base)
ConnectorFeed Thru
58442-1
59803-1
Posted
58638-1
59803-1
(Closed-End)
Closed
58247-1 (Standard)**
853547-1 & 853542-1
End
58247-2 (Ext Wear)
933568-1
466727-1
59804-1
MTA-156
58247-3 (Ribbon Cable)
(Base)
ConnectorFeed Thru
58443-1
59804-1
Posted
58082-1
59804-1
(Closed-End)
MTA-156
Closed
58061-1
567020-1
59839-1
Card-Edge
End
MTA-156
Closed
58392-1
59804-1
Quad
End
*Repair Kit 856600-1
**Repair Kit 856600-2
Notes:
1. A repair kit consists of a cam,
a feed-slide sub-assembly
anda locating pawl.
Repair kits can be made
available for other inter-
changeable heads. Consult
TE.
2. Standard modular heads
58246-1 and 58247-1 are
recommended for low
volume use.
3. Extended wear modular
heads 58246-2 and 58247-2
are recommended for high
volume use.
4. T-Handle Maintenance Tools
are for maintenance (field)
use only. They are not rec-
ommended for production.
5. Some Manual Hand Tool
Assemblies are available:
a. Order 58579-1, comprised
of Head 58246-1 with
Manual Hand Tool 58074-1.
b. Order 58580-1, comprised
of Head 58247-1 with
Manual Hand Tool 58074-1.
c. Order 58639-1, comprised
of Head 58638-1 with
Manual Hand Tool 58074-1.
MTA-50 Mass Termination Tooling Part Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66