Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

22/4PFPLR Arkusz danych(PDF) 1 Page - Structured Cable Products Inc.

Numer części 22/4PFPLR
Szczegółowy opis  4C/22 AWG SOLID FPLR PVC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STRUCTURED-CABLE [Structured Cable Products Inc.]
Strona internetowa  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

22/4PFPLR Arkusz danych(HTML) 1 Page - Structured Cable Products Inc.

  22/4PFPLR Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description : 4C/22 AWG SOLID FPLR PVC - 1000 FT BOX
Conductor :
22 AWG Solid HBC Cond.
Total Cable Weight : 18 kg/km
Final Diameter :
0.120 inches
Insulation : PVC
Jacket : PVC
DC Resistance 25°C:
18.4 Ohms / 1000 ft
Mutual Capacitance : 21 pF/ft
Impedance :
86 Ohms
Velocity of Prop : 65 %
Inductance. :
1.6 mH/km
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print : STRUCTURED CABLE PRODUCTS - - - P/N 22/4FPLR - - - (UL) FPLR OR
CL2R E198137 (UL) C(UL) CMR UNSH 4/C 22 AWG - - - ZONE/DEVICE A B C
D E 0 1 2 3 4 5 6 7 8 9 RoHS
Cabled OD Avg: 0.198
Ins Thickness: 0.006
Jkt Thickness: 0.015
Certified: UL CL2R/CMR OR FPLR
Flame Rating: Riser
Max Voltage: 300V
( All of the above values are approximated to within
)
+/- 10%
13
5.89
SCP PART#: 22/4PFPLR
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: +1-866-470-5742
Rev02/22


Podobny numer części - 22/4PFPLR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Structured Cable Produc...
22/4P STRUCTURED-CABLE-22/4P Datasheet
507Kb / 1P
4C/22 AWG STRANDED PLENUM
15-May-2014
22/4P-500 STRUCTURED-CABLE-22/4P-500 Datasheet
507Kb / 1P
4C/22 AWG STRANDED PLENUM
15-May-2014
More results

Podobny opis - 22/4PFPLR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Cable Technolog...
C4063A GENERAL-C4063A Datasheet
59Kb / 1P
4C 22 AWG 7/30 TC PVC / PVC COMMUNICATION & CONTROL CABLE
C4412 GENERAL-C4412 Datasheet
73Kb / 1P
4C 22 SOLID BC PVC NS PVC Sound, Alarm & Security Cable
C9011A GENERAL-C9011A Datasheet
71Kb / 1P
4C 22 AWG 7/30 TC PVC / PVC
C9042A GENERAL-C9042A Datasheet
71Kb / 1P
4C 16 AWG 19/.0117 TC PVC / PVC
C9111A GENERAL-C9111A Datasheet
71Kb / 1P
4C 22 AWG 7/30 TC PVC / OAS / PVC
C9211A GENERAL-C9211A Datasheet
69Kb / 1P
4C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
E1001S GENERAL-E1001S Datasheet
73Kb / 1P
4C 22 SOLID BC SR-PVC PVC Sound, Alarm & Security Cable
E1004S GENERAL-E1004S Datasheet
73Kb / 1P
4C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1484S GENERAL-E1484S Datasheet
73Kb / 1P
4C 22 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E2484S GENERAL-E2484S Datasheet
73Kb / 1P
4C 22 Solid BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com