Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

22/4P Arkusz danych(PDF) 1 Page - Structured Cable Products Inc.

Numer części 22/4P
Szczegółowy opis  4C/22 AWG STRANDED PLENUM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STRUCTURED-CABLE [Structured Cable Products Inc.]
Strona internetowa  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

22/4P Arkusz danych(HTML) 1 Page - Structured Cable Products Inc.

  22/4P Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION SHEET
www.
scpcat5e.com
sales@scpcat5e.com
1
5-May-2014
Product Number :
Description : 4C/22 AWG STRANDED PLENUM- WHITE- 1000 FT SPOOL
RoHS
22/4P
Conductor :
22 AWG 7x.0097 Bare Copper
Total Cable Weight : 23 kg/km
Final Diameter :
0.141 inches
Insulation : PVC
Jacket : PVC
DC Resistance 25°C:
15.7 Ohms /
500 ft
Mutual Capacitance : 22.8 pF/ft
Impedance :
84.2 Ohms
Velocity of Prop : 66 %
Inductance. :
1.3 mH/km
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print :
STRUCTURED CABLE PRODUCTS - - - P/N 22/2P-500 - - -  (UL) CL2P/CL3P
E132885 OR FPLP 75°C (UL) C(UL) CMP FT-6 UNSH 4/C 22 AWG ---
ZONE/DEVICE A B C D E 0 1 2 3 4 5 6 7 8 9 RoHS
Cabled OD Avg: 0.104
Ins Thickness: 0.008
Jkt Thickness: 0.015
Certified: UL CL2P/CL3P OR FPLP/CMR
Flame Rating: Plenum (FT-6)
Max Voltage: 300V
Part Spec Rev: 1
02/03/14
( All of the above values are approximated to within
)
+/- 10%
Package Weight: 16 lbs / 7.27 kgs
NEC Articles: 800, 760, 725
Min. Bend Radius/Minor Axis: .987 inches
Operating Temperature : -20°C to 75°C
Standard UL Temp : 75°C


Podobny numer części - 22/4P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Structured Cable Produc...
22/4P-500 STRUCTURED-CABLE-22/4P-500 Datasheet
507Kb / 1P
4C/22 AWG STRANDED PLENUM
15-May-2014
22/4PFPLR STRUCTURED-CABLE-22/4PFPLR Datasheet
316Kb / 1P
4C/22 AWG SOLID FPLR PVC
Rev02/22
More results

Podobny opis - 22/4P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Cable Technolog...
C9011A GENERAL-C9011A Datasheet
71Kb / 1P
4C 22 AWG 7/30 TC PVC / PVC
C9111A GENERAL-C9111A Datasheet
71Kb / 1P
4C 22 AWG 7/30 TC PVC / OAS / PVC
logo
List of Unclassifed Man...
1344189 ETC2-1344189 Datasheet
100Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1345074 ETC2-1345074 Datasheet
99Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1345332 ETC2-1345332 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation,
1345992 ETC2-1345992 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1346352 ETC2-1346352 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, plenum, FEP insulation,
82442 ETC2-82442 Datasheet
97Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, plenum, FEP insulation
82723 ETC2-82723 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1325A ETC2-1325A Datasheet
98Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com