Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

22/6FPLR Arkusz danych(PDF) 1 Page - Structured Cable Products Inc.

Numer części 22/6FPLR
Szczegółowy opis  6C/22AWG SOLID FPLR PVC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STRUCTURED-CABLE [Structured Cable Products Inc.]
Strona internetowa  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

22/6FPLR Arkusz danych(HTML) 1 Page - Structured Cable Products Inc.

  22/6FPLR Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Standard:
Electrical & Physical Characteristics:
Rated Voltage
10.5kgs
350X260X350
1000ft/Box
36
Marking:
STRUCTURED CABLE PRODUCTS --- 22/6FPLR --- UNSH 6C/22AWG BC SOLID -------
E198137 SCP3 (UL) C(UL) CL3R CMR------- PVC JKT RoHS ZONE/DEVICE A B C D E 0 1
2 3 4 5 6 7 8 9 ***M DDMMYY
Packaging:
Approx.Weight
Approx.Dimension(mm)
Package
Packages per pallet
Rip Cord
Max 80Volts
- 20°C + 75°C
Bend radius
Min 15D/65mm
Operating Temperature Range
Nylon
Color
Conductor Resistance(22AWG)
Max 60 ohm/km at 20°C
Dielectric Strength
Min AC1.5KV
RED
Jacket
Material
PVC
Min.Thickness
0.3mm
AVG.Thickness
0.40mm
Diameter
3.6+/-0.20mm
Insulation
Material
PVC
Min.Thickness
0.20mm
AVG.Thickness
0.25mm
Diameter
0.95+/-0.05mm
Colors
Black & Red & White & Green & Brown & Blue
SCP PART#: 22/6FPLR
Construction Characteristics:
Construction
0.643+/-0.004mm
Conductor
Material
Solid Bare Copper
Size
22AWG X 6C
DESCRIPTION: 6C/22AWG SOLID FPLR PVC-RED-1000FT BOX
EU RoHS 2011/65/EU Compliant
EN50575:2014 REACTION TO FIRE CLASS Dca
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: 866-470-5742


Podobny numer części - 22/6FPLR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Structured Cable Produc...
22/6-GY STRUCTURED-CABLE-22/6-GY Datasheet
680Kb / 1P
6C/22 AWG STRANDED PVC
01/21
22/6-GY-500 STRUCTURED-CABLE-22/6-GY-500 Datasheet
358Kb / 1P
6C/22 AWG STRANDED PVC GRAY
01/21
22/6-WT STRUCTURED-CABLE-22/6-WT Datasheet
680Kb / 1P
6C/22 AWG STRANDED PVC
01/21
22/6P STRUCTURED-CABLE-22/6P Datasheet
507Kb / 1P
6C/22 AWG STRANDED PLENUM
15-May-2014
22/6SH-500 STRUCTURED-CABLE-22/6SH-500 Datasheet
131Kb / 1P
6C/22AWG STRANDED BC,SHIELDED MULTIPURPOSE/SECURITY CABLE
More results

Podobny opis - 22/6FPLR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Cable Technolog...
C9012A GENERAL-C9012A Datasheet
71Kb / 1P
6C 22 AWG 7/30 TC PVC / PVC
C9021A GENERAL-C9021A Datasheet
71Kb / 1P
6C 20 AWG 7/28 TC PVC / PVC
C9032A GENERAL-C9032A Datasheet
71Kb / 1P
6C 18 AWG 16/30 TC PVC / PVC
C9043A GENERAL-C9043A Datasheet
71Kb / 1P
6C 16 AWG 19/.0117 TC PVC / PVC
E1486S GENERAL-E1486S Datasheet
74Kb / 1P
6C 22 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E1506S GENERAL-E1506S Datasheet
74Kb / 1P
6C 18 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E2506S GENERAL-E2506S Datasheet
74Kb / 1P
6C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
C0972A GENERAL-C0972A Datasheet
84Kb / 1P
4C 22AWG SR-PVC, OAS, PVC
C1345A GENERAL-C1345A Datasheet
59Kb / 1P
4C 24AWG SHLD 2C 22AWG UNSH, PVC, PVC
C1362 GENERAL-C1362 Datasheet
55Kb / 1P
2C 22AWG PVC PARALLEL
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com