Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KNC500HB-AX-R047AA Arkusz danych(PDF) 3 Page - VITROHM

Numer części KNC500HB-AX-R047AA
Szczegółowy opis  Power Shunt Resistor | Axial | Low Inductance and Low Ohmic | Ceramic case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VITROHM [VITROHM]
Strona internetowa  http://www.vitrohm.com/
Logo VITROHM - VITROHM

KNC500HB-AX-R047AA Arkusz danych(HTML) 3 Page - VITROHM

  KNC500HB-AX-R047AA Datasheet HTML 1Page - VITROHM KNC500HB-AX-R047AA Datasheet HTML 2Page - VITROHM KNC500HB-AX-R047AA Datasheet HTML 3Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KNC Series Datasheet
3
The standard packaging for KNC in axial type is bulk, dimensions below.
This type KNC is also available in a different pre-forming, as shown below, other’s upon request.
Axial Goal Post (AG-)
Axial Goal Post Kink (AK-)
Radial (RD-)
Radial 2 Kink (RK-)
For horizontal and vertical pre-forming please consult your local sales contact.
New P/Nr.
Type
Historical
P/N:
Pack
Code
Pieces
Forming
Type
New P/Nr.
Type
Historical
P/N:
Pack
Code
Pieces Forming Type
(Inner Taping dim.)
A
C
S
KNC500
KN350- 8
B =
Bulk
200
AX- =
Axial
KNC500
KN350- 8
R = Taped
in Reel
1000
73-
or
83-
73
85
10
KNC600
KN351- 8
200
KNC600
KN351- 8
1000
83
95
10
KNC800
KN352 - 8
200
KNC800
KN352 - 8
1000
83
95
10
KNC900
KN353 - 8
200
KNC900
KN353 - 8
500
83
95
10
KNC10A
KN354 - 8
100
KNC10A
KN354 - 8
500
83
95
10
THROUGH HOLE VERSION



Html Pages

1 2 3