| Zakładka z wyszukiwarką danych komponentów |
|
AM26LS32AI Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32AI Arkusz danych(HTML) 6 Page - Texas Instruments |
|
6 / 35 page ![]() 6.5 Electrical Characteristics over recommended ranges of VCC, VIC, and operating free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VIT+ Positive-going input threshold voltage VO = VOHmin, IOH = –440 µA AM26LS32A 0.2 V AM26LS33A 0.5 VIT– Negative-going input threshold voltage VO = 0.45 V , IOL = 8 mA AM26LS32A –0.2(2) V AM26LS33A –0.5(2) Vhys Hysteresis voltage (VIT+ – VIT–) 50 mV VIK Enable-input clamp voltage VCC = MIN, II = –18 mA –1.5 V VOH High-level output voltage VCC = MIN, VID = 1 V, VI(G) = 0.8 V, IOH = –440 µA AM26LS32AC, AM26LS33AC 2.7 V AM26LS32AM, AM26LS32AI, AM26LS33AM 2.5 VOL Low-level output voltage VCC = MIN, VID = –1 V, VI(G) = 0.8 V IOL= 4 mA 0.4 V IOL= 8 mA 0.45 IOZ Off-state (high-impedance state) output current VCC = MAX VO = 2.4 V 20 µA VO = 0.4 V –20 II Line input current VI = 15 V, other input at –10 V to 15 V 1.2 mA VI = –15 V, other input at –15 V to 10 V –1.7 II(EN) Enable input current VI = 5.5 V 100 µA IH High-level enable current VI = 2.7 V 20 µA IL Low-level enable current VI = 0.4 V –0.36 mA ri Input resistance VIC = –15 V to 15 V, one input to ac ground 12 15 kΩ IOS Short-circuit output current(3) VCC = MAX –15 –85 mA ICC Supply current VCC = MAX, all outputs disabled 52 70 mA (1) All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0. (2) The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold levels only. (3) Not more than one output must be shorted to ground at a time, and duration of the short circuit must not exceed one second. AM26LS32AC, AM26LS32AI, AM26LS32AM AM26LS33AC, AM26LS33AM SLLS115G – OCTOBER 1980 – REVISED AUGUST 2023 www.ti.com 6 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM26LS32AC AM26LS32AI AM26LS32AM AM26LS33AC AM26LS33AM |