Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KITFS6507LAEEVM Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części KITFS6507LAEEVM
Szczegółowy opis  FS6507, System Basis Chip, ASIL B, DCDC 0.8 A Vcore, LDT, CAN, LIN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

KITFS6507LAEEVM Arkusz danych(HTML) 2 Page - NXP Semiconductors

  KITFS6507LAEEVM Datasheet HTML 1Page - NXP Semiconductors KITFS6507LAEEVM Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Management
FS6500 : Grade 1 and Grade 0 Safety Power System Basis Chip with CAN Flexible Data Transceiver
Features
MicrocontrollerKL25Z MCU installed on board for easy connection to host computer on USB link with
monitoring features
Connectivity CAN FD and LIN bus (LIN exclusive with FS1B) FS0B and FS1B output pins (FS1B exclusive
with LIN) Connectors allowing easy access to digital signals
Power Management VCORE configuration: 1.23 V, 3.3 V, 5.0 V VCCA, VAUX configuration - 3.3 V or 5.0 V,
with internal PMOS or external PNP Vpre regulator with a Buck or Boost setting.
 Evaluation board
 Cable, Mini USB A to B
 3x10 pos Connector
 1x2 pos Connector



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com