| Zakładka z wyszukiwarką danych komponentów |
|
KITFS26AEEVM Arkusz danych(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KITFS26AEEVM Arkusz danych(HTML) 22 Page - NXP Semiconductors |
|
22 / 60 page ![]() NXP Semiconductors UM11503 KITFS26AEEVM evaluation board Note: At this step, the product is in debug mode and all regulators are turned Off. The user can then power up with OTP configuration or configure the mirror registers before power up. Power up is effective as soon as SW6 is turned Off. 7 FS26 NXP GUI Once the kit is ready and the NXP GUI is installed, launch the kit from the Windows search bar. Launching FS26_GUI application 1. When the NXP GUI is launched, the Kit Selection window is displayed. Check for the following settings and then select OK. 2. To avoid the kit selection window on every launch, select the box “Use this configuration and do not ask again”. The following window is displayed. UM11503 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. User manual Rev. 1 — 29 January 2021 22 / 60 |