| Zakładka z wyszukiwarką danych komponentów |
|
CPP-API Arkusz danych(PDF) 3 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
CPP-API Arkusz danych(HTML) 3 Page - Juniper Networks, Inc. |
|
3 / 4 page ![]() 3 Data Sheet Junos Space Cross Provisioning Platform • Troubleshooting: Junos Space CPP provides the ability to troubleshoot Juniper devices through the use of operational scripts. Troubleshooting provides granular, service-specific details and enables service providers to quickly pinpoint network problems. Periodic reports can also be generated that provide important service-related statistics. Multivendor Provisioning— Currently Supported Functionality In order to provision end-to-end services between Juniper and Alcatel-Lucent devices, Junos Space CPP invokes service provisioning templates in Junos Space and Alcatel-Lucent’s 5620 SAM server for configuring the Juniper and Alcatel-Lucent devices, respectively. Communication with the 5620 SAM is via SOAP API calls. Figure 3. CPP integration with Alcatel-Lucent 5620 SAM Features and Benefits Junos Space CPP offers the following benefits to service providers: • Design and manage services spread across Juniper and other third-party vendor devices through a single, unified management console • Rapidly develop and deploy new revenue-generating services • Lower the OpEx required to introduce new services or make changes to existing services Product Options A typical Junos Space CPP installation requires a license for base software functionality. Additional optional licenses are required for the number and types of ports being managed by the application. For customers who wish to automate the services provisioning process, a REST API library option is also available for purchase. Specifications Junos Space Cross Provisioning Platform Client browser support • Mozilla Firefox 26 • Chrome 26 • Internet Explorer 8.0 and 9.0 VMware version • Junos Space works with VMware vSphere 4.0 and above. Junos release support • Junos Space CPP runs on Juniper Networks devices running Junos OS 10.3 and later releases. Junos Space platform • Junos Space 13.1, 14.1 or later Ordering Information Cross Provisioning Platform runs on Junos Space and requires Junos Space Network Management Platform (JS-PLATFORM) to be installed. Model Number Description CPP-BASE Includes base CPP functionality, a standard set of templates for E-LINE, VPLS, and L3VPN services CPP-API REST API option—must have CPP-BASE in order to use this CPP-1G Per-port license to manage services on a 1GbE port CPP-10G Per-port license to manage services on a 10GbE port CPP-40G Per-port license to manage services on a 40GbE port CPP-100G Per-port license to manage services on a 100GbE port ALU 5620 SAM Junos Space EMS Junos Space Platform Carrier Ethernet Network Alcatel Lucent Hardware Juniper Hardware REST API CPP SOAP Webservices (SAM-O) E-LINE / E-LAN / L3VPN / IPTV L3VPN Services Service Activation 1.0 Flex Services |