Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M28840/20MB1BAP2 Arkusz danych(PDF) 23 Page - Amphenol PCD, Inc

Numer części M28840/20MB1BAP2
Szczegółowy opis  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOLPCD [Amphenol PCD, Inc]
Strona internetowa  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20MB1BAP2 Arkusz danych(HTML) 23 Page - Amphenol PCD, Inc

Back Button M28840/20MB1BAP2 Datasheet HTML 17Page - Amphenol PCD, Inc M28840/20MB1BAP2 Datasheet HTML 18Page - Amphenol PCD, Inc M28840/20MB1BAP2 Datasheet HTML 19Page - Amphenol PCD, Inc M28840/20MB1BAP2 Datasheet HTML 20Page - Amphenol PCD, Inc M28840/20MB1BAP2 Datasheet HTML 21Page - Amphenol PCD, Inc M28840/20MB1BAP2 Datasheet HTML 22Page - Amphenol PCD, Inc M28840/20MB1BAP2 Datasheet HTML 23Page - Amphenol PCD, Inc M28840/20MB1BAP2 Datasheet HTML 24Page - Amphenol PCD, Inc M28840/20MB1BAP2 Datasheet HTML 25Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
44
45
CONTACT INSERTION/EXTRACTION INSTRUCTIONS
1. Tools
Be sure that all proper assembly tools are on hand &
properly calibrated.
2. Stripping
Strip wire inds to 3/16” for 20-32 AWG, taking care
not to nick or cut wire strands. Hold insulation & twist
strands to eliminate any splaying.
3. Wire Insertion
Insert wire into crimp well of contact. Don’t force. Wire
strands must be visible through inspection hole.
4. Crimping
Using crimp tool & positioner noted above insert wire &
contact into locator jaws. Squeeze tool handle complete-
ly until ratchet releases. Remove wired contact from tool
(Pic. 4).
5. Backshell Preperation
Slide backshell/strain relief over jacketed cable or wires
in proper order for re-assembly. Contact factory for
proper jacketed cable assembly.
6. Contact Preperation
Slide wired contact into insertion tool of choice so that
the tip of the tool butts against the shoulder of the
contact.
MIL-DTL-28840 POLARIZATION KEYWAYS/PANEL CUT OUT
Military Shell Size
Shell Size
P Ø
LL Flat
O
Ref. Mating Hole
A
11
(.890) 22.60
(.880) 22.25
(.853) 21.67
(.843) 21.41
(.812) 20.62
B
13
(1.015) 25.78
(1.005) 25.53
(.978) 24.84
(.968) 24.59
(.937) 23.80
C
15
(1.203) 30.55
(1.193) 30.3
(1.165) 29.59
(1.155) 29.34
(1.124) 28.55
D
17
(1.265) 32.13
(1.255) 25.40
(1.228) 31.19
(1.218) 30.94
(1.187) 30.15
E
19
(1.453) 36.91
(1.443) 36.65
(1.415) 35.94
(1.405) 35.69
(1.374) 34.90
F
23
(1.640) 41.66
(1.630) 41.40
(1.603) 40.72
(1.593) 40.46
(1.562) 39.67
G
25
(1.765) 44.83
(1.755) 44.57
(1.728) 43.89
(1.718) 43.64
(1.687) 42.85
H
29
(1.953) 49.60
(1.943) 49.35
(1.915) 48.64
(1.905) 48.38
(1.874) 47.60
J
33
(2.140) 54.36
(2.130) 54.10
(2.103) 53.42
(2.093) 53.16
(2.062) 52.37
Military Shell Size
Shell Size
Key & Keyway
Arrangement
ARo or APo
BSC
BRo or BPo
BSC
CRo or CPo
BSC
DRo or DPo
BSC
A
B
11
13
1
95
141
208
236
2
113
156
182
292
3
90
145
195
252
4
53
156
220
255
5
119
146
176
298
6
51
141
184
242
C
D
15
17
1
80
142
196
293
2
135
170
200
310
3
49
169
200
244
4
66
140
200
257
5
62
145
180
280
6
79
153
197
272
E
F
G
H
J
19
23
25
29
33
1
80
142
196
293
2
135
170
200
310
3
49
169
200
244
4
66
140
200
257
5
62
145
180
280
6
79
153
197
272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25