| Zakładka z wyszukiwarką danych komponentów |
|
STAMP0 Arkusz danych(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STAMP0 Arkusz danych(HTML) 46 Page - STMicroelectronics |
|
46 / 62 page ![]() I²C registers STAMP0 46/62 DocID028639 Rev 1 5.2.40 Interrupt 4 configuration register (reg. 0x27) B7 B6 B5 B4 B3 B2 B1 B0 - - - - - - AUTOPLL PLLBYP - - - - - - 0 0 Bit R/W RST Name Description 1 R/W 0 AUTOPLL 0: PLL is programmed correctly 1: PLL is not programmed correctly 0 R/W 0 PLLBYP 0: PLL locked 1: PLL not locked 5.2.41 Interrupt masking 1 configuration register (reg. 0x28) B7 B6 B5 B4 B3 B2 B1 B0 MRMS8s MRMS7s MRMS6s MRMS5s MRMS4s MRMS3s MRMS2s MRMS1s 0 0 0 0 0 0 0 0 Bit R/W RST Name Description 7 R/W 0 MRMS8s 0: RMS upper limit interrupt on channel 8 is not masked 1: RMS upper limit interrupt on channel 8 is masked 6 R/W 0 MRMS7s 0: RMS upper limit interrupt on channel 7 is not masked 1: RMS upper limit interrupt on channel 7 is masked 5 R/W 0 MRMS6s 0: RMS upper limit interrupt on channel 6 is not masked 1: RMS upper limit interrupt on channel 6 is masked 4 R/W 0 MRMS5s 0: RMS upper limit interrupt on channel 5 is not masked 1: RMS upper limit interrupt on channel 5 is masked 3 R/W 0 MRMS4s 0: RMS upper limit interrupt on channel 4 is not masked 1: RMS upper limit interrupt on channel 4 is masked 2 R/W 0 MRMS3s 0: RMS upper limit interrupt on channel 3 is not masked 1: RMS upper limit interrupt on channel 3 is masked 1 R/W 0 MRMS2s 0: RMS upper limit interrupt on channel 2 is not masked 1: RMS upper limit interrupt on channel 2 is masked 0 R/W 0 MRMS1s 0: RMS upper limit interrupt on channel 1 is not masked 1: RMS upper limit interrupt on channel 1 is masked Obsolete Product(s) - Obsolete Product(s) |