| Zakładka z wyszukiwarką danych komponentów |
|
TDA7293HS Arkusz danych(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7293HS Arkusz danych(HTML) 19 Page - STMicroelectronics |
|
19 / 21 page ![]() TDA7293 Package mechanical data Doc ID 6744 Rev 8 19/21 In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 6. Multiwatt15H dimensions Ref Dimension in mm Dimension in inch Notes Min Typ Max Min Typ Max A - - 5.00 - - 0.197 - B - - 2.65 - - 0.104 - C - - 1.60 - - 0.063 - E 0.49 - 0.55 0.019 - 0.022 - F 0.66 - 0.75 0.026 - 0.030 - G 1.02 1.27 1.52 0.040 0.050 0.060 - G1 17.53 17.78 18.03 0.690 0.700 0.710 - H1 19.60 - 20.20 0.772 - 0.795 - H2 19.60 - 20.20 0.772 - 0.795 - L1 17.80 18.00 18.20 0.701 0.709 0.717 - L2 2.30 2.50 2.80 0.091 0.098 0.110 - L3 17.25 17.50 17.75 0.679 0.689 0.699 - L4 10.30 10.70 10.90 0.406 0.421 0.429 - L5 2.70 3.00 3.30 0.106 0.118 0.130 - L7 2.65 - 2.90 0.104 - 0.114 - N - -- -- - - P - -- -- - - R - 1.50 - - 0.059 - - R1 -- -- --- S 1.90 - 2.60 0.075 - 0.102 - S1 1.90 - 2.60 0.075 - 0.102 - V - -- -- - - Diam.1 3.65 - 3.85 0.144 - 0.152 - |