| Zakładka z wyszukiwarką danych komponentów |
|
SC5-FESTIVAL Arkusz danych(PDF) 8 Page - Elma Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SC5-FESTIVAL Arkusz danych(HTML) 8 Page - Elma Electronic Ltd |
|
8 / 23 page ![]() SC5-FESTIVAL • CompactPCI® Serial CPU Board • Intel® Xeon® Processor SC5-FESTIVAL Intel® Xeon® E3 v6 CPU or 7th Generation Intel® Core™ CPU EKF ekf.com ©• P1 P2 P3 P4 P5 P6 EXP Top Side Connector Assembly Front Panel - Mezzanine - Backplane Dual GbE PCIe Gen3 x 8 (2) PCIe Gen3 ½ x 8 (1) PCIe Gen3 ½ x 8 (1) USB3 (1) SATA 6G PCH (7-8) RAID (3-6) USB3 (2-3) USB2 (4-8) PCIe Gen3 (3-6) PCIe Clk (1-8) PCIe Gen3 (7-8) GbE (1-8) Mezzanine S80-P6 P-USB P-ETH P-EXP P-DP1 P-DP2 DP1 DP2 2 x USB 3.0 SC5-FESTIVAL CompactPCI Serial EKF ekf.com •® • © • HSE2 P-HSE2 P-HSE1 HSE1 4 x PCIe Gen3 DisplayPort 8 x GbE S80-P6 Mezzanine Legacy LPC 2 x UART HD Audio 4 x PCIe Gen3 or 4 x SATA 6G or 2 x PCIe + 2 x SATA 1 x USB3 1 x USB2 SC5-FESTIVAL Connector Suite CompactPCI® Serial While mechanically compliant to CompactPCI® Classic, CompactPCI® Serial (PICMG® CPCIS.0) defines a completely new card slot, based on PCI Express®, SATA, Gigabit Ethernet and USB serial data lines. Up to 6 high-speed backplane connectors P1 - P6 are provided on a system slot controller such as the SC5-FESTIVAL, which can be considered as a root hub with respect to most signal lines. A passive backplane is used for distribution of a defined subset of I/O channels from the system slot to each of up to eight peripheral slots in a CompactPCI® Serial system. Most CompactPCI® Serial peripheral slot cards require only the backplane connector P1, which comprises PCIe, SATA and USB signals, resulting in a concise and inexpensive peripheral board design. More powerful peripheral cards profit from two so called Fat Pipe slots (PCIe x 8). The SC5-FESTIVAL is a native CompactPCI® Serial CPU card, suitable for usage in a pure CPCI Serial environment. Due to its generous backplane capabilities (22 x PCI Express® Gen3, 8 x USB, 6 x SATA/RAID 6G, 8 x GbE), very powerful industrial systems can be built. © EKF -8- ekf.com |