Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32WL33CBVATR Arkusz danych(PDF) 34 Page - STMicroelectronics

Numer części STM32WL33CBVATR
Szczegółowy opis  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CBVATR Arkusz danych(HTML) 34 Page - STMicroelectronics

Back Button STM32WL33CBVATR Datasheet HTML 30Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 31Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 32Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 33Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 34Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 35Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 36Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 37Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
Pin number
Pin Name (function
after reset)
Pin type
Alternate functions
Additional functions
VFQFPN
32
VFQFPN
48
30
46
PB0
I/O
USART1_RX,
LPUART1_RTS_DE,
TIM16_CH1, SPI1_NSS,
ANTENNA_SWITCH,
LCD_COM1
COMP1_INN1, ADC_VINM1
31
47
PB1
I/O
USART1_CK, SWDIO,
TIM16_CH1N, SPI1_SCK,
SUBG_RX_DATA, LCD_SEG6
COMP1_INP, ADC_VINP1, LCA
32
48
PB2
I/O
USART1_RTS_DE, SWCLK,
TIM16_BRK, SPI1_MISO,
SUBG_RX_CLK, LCD_SEG7
COMP1_INP, ADC_VINM0, LCT
Exposed
pad
Exposed
pad
GND
S
-
Ground
Table 4. Alternate function port A
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
I2C1/I2C2/
SYS_AF/RTC/
USART
SYS_AF/
USART/
LPUART
SYS_AF/
TIM2/COMP
SYS_AF/
SPI1/SPI3
SYS_AF/
TIM2
SYS_AF/
Single-wire
debug
SYS_AF/
LCD
Port A
PA0
I2C1_SCL
USART1_CTS
-
-
TIM2_CH3
-
LCD_SEG12
/LCD_COM4
PA1
I2C1_SDA
USART1_TX
TIM16_BRK
-
TIM2_CH4
-
LCD_SEG0
PA2
SWDIO
USART1_CK
TIM16_CH1
I2S3_MCK
TIM2_CH1
SWDIO
LCD_SEG1
PA3
SWCLK
USART1_RTS_
DE
TIM16_CH1N
SPI3_SCK/
I2S3_CK
TIM2_CH2
SWCLK
LCD_SEG2
PA4
LCO
LPUART1_TX
COMP1_OUT -
TIM2_CH1
-
-
PA5
MCO
LPUART1_RX
-
-
TIM2_CH2
-
LCD_SEG9
PA6
I2C2_SCL
USART1_CTS
-
-
TIM2_CH1
-
-
PA7
I2C2_SDA
LPUART1_RTS
_DE
-
-
TIM2_CH2
-
-
PA8
RTC_OUT/
RTC_TAMP1/
RTC_TS
USART1_RX
RX_SEQUEN
CE
SPI3_MISO
TIM2_CH3
-
LCD_COM0
PA9
-
USART1_TX
RTC_OUT
SPI3_NSS/
I2S3_WS
TIM2_CH4
-
LCD_SEG3
PA10 -
LPUART1_CTS
TX_SEQUEN
CE
I2S3_MCK
SUBG_TX_
DATA
-
LCD_SEG4
PA11 MCO
RX_SEQUEN
CE
SPI3_MOSI/
I2S3_SD
SUBG_TX_
CLOCK
-
LCD_SEG5
PA12 I2C1_SMBA
SWDIO
-
SPI1_NSS
TIM2_CH1
-
-
PA13 I2C2_SCL
SWCLK
-
SPI1_SCK
TIM2_ETR
-
LCD_SEG10
PA14 I2C2_SDA
-
-
SPI1_MISO
-
-
LCD_SEG11
PA15 I2C2_SMBA
USART1_RX
-
SPI1_MOSI
-
-
-
STM32WL33xx
Pinouts and pin description
DS14221 - Rev 5
page 34/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91