Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32WL33CBV6 Arkusz danych(PDF) 89 Page - STMicroelectronics

Numer części STM32WL33CBV6
Szczegółowy opis  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CBV6 Arkusz danych(HTML) 89 Page - STMicroelectronics

Back Button STM32WL33CBV6 Datasheet HTML 83Page - STMicroelectronics STM32WL33CBV6 Datasheet HTML 84Page - STMicroelectronics STM32WL33CBV6 Datasheet HTML 85Page - STMicroelectronics STM32WL33CBV6 Datasheet HTML 86Page - STMicroelectronics STM32WL33CBV6 Datasheet HTML 87Page - STMicroelectronics STM32WL33CBV6 Datasheet HTML 88Page - STMicroelectronics STM32WL33CBV6 Datasheet HTML 89Page - STMicroelectronics STM32WL33CBV6 Datasheet HTML 90Page - STMicroelectronics STM32WL33CBV6 Datasheet HTML 91Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
Table 54.
Flash memory endurance and data retention ................................................ 64
Table 55.
ESD absolute maximum ratings ......................................................... 65
Table 56.
I/O static characteristics .............................................................. 66
Table 57.
Output voltage characteristics .......................................................... 66
Table 58.
RSTN pin characteristics (specified by design - not tested in production)............................. 67
Table 59.
ADC characteristics (HSI must be set to PLL mode) ........................................... 68
Table 60.
Temperature sensor characteristics(1) ..................................................... 69
Table 61.
TIM2/16 characteristics............................................................... 69
Table 62.
IWDG min/max timeout period at 32 kHz (LSE) .............................................. 69
Table 63.
I2C analog filter characteristics (specified by design - not tested in production) ........................ 70
Table 64.
SPI characteristics .................................................................. 71
Table 65.
Current consumption in Deepstop mode with LCD clock source LSI, duty 1/4, bias 1/3 ................... 73
Table 66.
Current consumption in Deepstop mode with LCD clock source LSE, duty 1/4, bias 1/3 .................. 73
Table 67.
Current consumption in Deepstop with LCD clock source LSI, duty 1/8, bias 1/4 ....................... 73
Table 68.
Current consumption in Deepstop with LCD clock source LSE, duty 1/8, bias 1/4 ....................... 73
Table 69.
Current consumption in Deepstop mode with LCSC ........................................... 74
Table 70.
VFQFPN48 - Mechanical data .......................................................... 77
Table 71.
Symbols, recommended values, and tolerances.............................................. 78
Table 72.
VFQFPN32 - Mechanical data .......................................................... 81
Table 73.
Ordering information scheme........................................................... 82
Table 74.
Document revision history ............................................................. 84
STM32WL33xx
List of tables
DS14221 - Rev 5
page 89/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91