Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32WL33C8V7 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STM32WL33C8V7
Szczegółowy opis  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8V7 Arkusz danych(HTML) 4 Page - STMicroelectronics

  STM32WL33C8V7 Datasheet HTML 1Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 2Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 3Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 4Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 5Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 6Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 7Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 8Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
1
Introduction
This document provides the ordering information and mechanical device characteristics of the STM32WL33xx
microcontrollers, based on Arm® core.
This document must be read in conjunction with the STM32WL33xx reference manual (RM0511).
For information on the device errata with respect to the datasheet and reference manual, refer to the
STM32WL33xx errata sheet (ES0612).
For information on the Arm® Cortex®-M0+ core, refer to the Cortex®-M0+ technical reference manual, available
from the www.arm.com website.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
STM32WL33xx
Introduction
DS14221 - Rev 5
page 4/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91