Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TATR-AS-S Arkusz danych(PDF) 1 Page - Elma Electronic Ltd

Numer części TATR-AS-S
Szczegółowy opis  ATR Products - Conduction Cooled
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELMA [Elma Electronic Ltd]
Strona internetowa  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

TATR-AS-S Arkusz danych(HTML) 1 Page - Elma Electronic Ltd

  TATR-AS-S Datasheet HTML 1Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ATR Products - Conduction Cooled
FEATURES
■
Meets ARINC 404A, ARINC600 and IEEE 1101.2 specifications
■
Operating temperature range of -40ºC to +70ºC
■
Low weight, ideal for applications where the weight is critical
■
Backplane options for VME/64X, cPCI, VXS, VPX and custom
■
Features a MIL 38999 type power connector with an integrated
line filter
■
Power supply and line filter combination are optimized to
meet MIL-STD 461E
■
Rugged aluminum dip-brazed construction is designed to
meet MIL-STD 810F for shock and vibration
■
Optimized for cooling via thermal simulation studies
PRODUCT INFORMATION
Elma's conduction cooled ATR platforms provide the highest level of environmental protection with exceptional thermal performance.
The heat load is transfered via wedge locks from the boards to the machined platform walls with the integrated card guides. The ATRs
accept all 3U and 6U boards complying with IEEE 1101.2. The cooling concept of all conduction cooled ATRs is optimized by thermal
analysis. The chassis parts are made from special grade aluminum and joined by a dip-brazing process to ensure the best conductivity
of heat load. All removable covers are equipped with captive screws.
ATR TRAY
■
Meets ARINC 404A specification
■
Sized for a short and long ATRs
■
Guide pins allow ease for blind-mating insertion
■
Tray is shock isolated via four mounting points
ORDERING INFORMATION
Size
Part Number
31
1/2 short
TATR-AS-S
3/4 short
TATR-BS-S
3/4 long
TATR-BL-S
1 long
TATR-CL-S
1 1/2 long
TATR-DL-S


Podobny numer części - TATR-AS-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elma Electronic Ltd
TATR-AS-S ELMA-TATR-AS-S Datasheet
94Kb / 1P
ATR Products - Conduction Cooled
TATR-AS-S ELMA-TATR-AS-S Datasheet
94Kb / 1P
ATR Products - Conduction Cooled
TATR-AS-S ELMA-TATR-AS-S Datasheet
94Kb / 1P
ATR Products - Conduction Cooled
TATR-AS-S ELMA-TATR-AS-S Datasheet
94Kb / 1P
ATR Products - Conduction Cooled
More results

Podobny opis - TATR-AS-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
Conduction Cooled(High Density Reasnot)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
Conduction Cooled (High Density Resonant)
265HC6600K2EM8 ILLINOISCAPACITOR-265HC6600K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K2EM8 ILLINOISCAPACITOR-334HC6102K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com