| Zakładka z wyszukiwarką danych komponentów |
|
SN28837FS Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN28837FS Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 19 page ![]() TC277 735- × 580-PIXEL CCD IMAGE SENSOR SOCS020B – DECEMBER 1991 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION DR (dynamic range) + camera white-clip voltage Vn Vn = noise-floor voltage Vsat (min) = minimum saturation voltage Vuse (max) = maximum usable voltage Vuse (typ) = typical user voltage (camera white clip) (light input) Lux Enabled With Antiblooming Blooming Point Well Capacity Dependent on Disabled With Antiblooming Blooming Point Gate High Level Upon Antiblooming Level Dependent DR Vn Vsat (min) Vuse (typ) Vuse (max) VO NOTES: A. Vuse (typ) is defined as the voltage determined to equal the camera white clip. This voltage must be less than Vuse (max). B. A system trade-off is necessary to determine the system light sensitivity versus the signal/noise ratio. By lowering the Vuse (typ), the light sensitivity of the camera is increased; however, this sacrifices the signal/noise ratio of the camera. Figure 8. Typical Vsat, Vuse Relationship |