| Zakładka z wyszukiwarką danych komponentów |
|
DAC8563 Arkusz danych(PDF) 50 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC8563 Arkusz danych(HTML) 50 Page - Texas Instruments |
|
50 / 63 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) DAC8163SDGSR.A Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8163 DAC8163SDGST Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8163 DAC8163SDGST.A Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8163 DAC8163SDSCR Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8163 DAC8163SDSCR.A Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8163 DAC8163SDSCT Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8163 DAC8163SDSCT.A Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8163 DAC8562SDGSR Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8562 DAC8562SDGSR.A Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8562 DAC8562SDGST Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8562 DAC8562SDGST.A Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8562 DAC8562SDSCR Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8562 DAC8562SDSCR.A Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8562 DAC8562SDSCT Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8562 DAC8562SDSCT.A Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8562 DAC8562SDSCTG4 Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8562 DAC8562SDSCTG4.A Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8562 DAC8563SDGSR Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8563 DAC8563SDGSR.A Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8563 DAC8563SDGST Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8563 DAC8563SDGST.A Active Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8563 DAC8563SDSCR Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8563 DAC8563SDSCR.A Active Production WSON (DSC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8563 DAC8563SDSCT Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8563 DAC8563SDSCT.A Active Production WSON (DSC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 8563 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. Addendum-Page 2 |