| Zakładka z wyszukiwarką danych komponentów |
|
L9679P Arkusz danych(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Arkusz danych(HTML) 56 Page - STMicroelectronics |
|
56 / 279 page ![]() 0 0 1 0 1 1 1 0 $2E R SCRAP_SEED Scrap Seed command 0 0 1 0 1 1 1 1 $2F W SCRAP_KEY Scrap Key command X X 0 0 1 1 0 0 0 0 $30 W SCRAP_STATE Scrap State command X 0 0 1 1 0 0 0 1 $31 W SAFING_STATE Safing State command X 0 0 1 1 0 0 1 0 $32 W WD2_RECOVER Watchdog second level recovery command X X X X X 0 0 1 1 0 0 1 1 $33 R WD2_SEED Watchdog second level seed transmission 0 0 1 1 0 1 0 0 $34 W WD2_KEY Watchdog second level key transmission X X X X X 0 0 1 1 0 1 0 1 $35 W WD_TEST Watchdog first and second level test X X X X X 0 0 1 1 0 1 1 0 $36 R/W SYSDIAGREQ Diagnostic command for system safing X 0 0 1 1 0 1 1 1 $37 R LPDIAGSTAT Diagnostic result register for deployment loops 0 0 1 1 1 0 0 0 $38 R/W LPDIAGREQ Diagnostic configuration command for deployment loops X X X X 0 0 1 1 1 0 0 1 $39 R/W SWCTRL DC sensor diagnostic configuration X X X X 0 0 1 1 1 0 1 0 $3A R/W DIAGCTRL_A In WID is AtoD converter control register A. In RID is AtoD result A request. X X X X 0 0 1 1 1 0 1 1 $3B R/W DIAGCTRL_B In WID is AtoD converter control register B. In RID is AtoD result B request. X X X X 0 0 1 1 1 1 0 0 $3C R/W DIAGCTRL_C In WID is AtoD converter control register C. In RID is AtoD result C request. X X X X 0 0 1 1 1 1 0 1 $3D R/W DIAGCTRL_D In WID is AtoD converter control register D. In RID is AtoD result D request. X X X X 0 0 1 1 1 1 1 0 $3E 0 0 1 1 1 1 1 1 $3F R/W SW_REGS_CONF Configuration register for switching regulators X X X X 0 1 0 0 0 0 0 0 $40 0 1 0 0 0 0 0 1 $41 0 1 0 0 0 0 1 0 $42 R/W GPOCR General Purpose Output configuration X X Table 6.Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Safing Scrap Arming |