| Zakładka z wyszukiwarką danych komponentów |
|
L9680 Arkusz danych(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Arkusz danych(HTML) 57 Page - STMicroelectronics |
|
57 / 286 page ![]() 0 0 0 1 0 1 1 0 $16 R DSR_3 Deployment status register 0 0 0 1 0 1 1 1 $17 R DSR_4 0 0 0 1 1 0 0 0 $18 R DSR_5 0 0 0 1 1 0 0 1 $19 R DSR_6 0 0 0 1 1 0 1 0 $1A R DSR_7 0 0 0 1 1 0 1 1 $1B R DSR_8 0 0 0 1 1 1 0 0 $1C R DSR_9 0 0 0 1 1 1 0 1 $1D R DSR_A 0 0 0 1 1 1 1 0 $1E R DSR_B 0 0 0 1 1 1 1 1 $1F R DCMTS01 Deployment current monitor register 0 0 1 0 0 0 0 0 $20 R DCMTS23 0 0 1 0 0 0 0 1 $21 R DCMTS45 0 0 1 0 0 0 1 0 $22 R DCMTS67 0 0 1 0 0 0 1 1 $23 R DCMTS89 0 0 1 0 0 1 0 0 $24 R DCMTSAB 0 0 1 0 0 1 0 1 $25 R/W SPIDEPEN Lock/Unlock command X X 0 0 1 0 0 1 1 0 $26 R LP_GNDLOSS Loss of ground fault for squib/pyroswitch loops 0 0 1 0 0 1 1 1 $27 R VERSION_ID Device version 0 0 1 0 1 0 0 0 $28 R/W WD_RETRY_CONF Watchdog Retry Configuration X 0 0 1 0 1 0 0 1 $29 W MCU_FLT_TEST Microcontroller Fault test X X X X X 0 0 1 0 1 0 1 0 $2A R/W WDTCR Watchdog first level configuration X 0 0 1 0 1 0 1 1 $2B R/W WD1T Watchdog first level key transmission X X X X X 0 0 1 0 1 1 0 0 $2C R WD_STATE Watchdog first and second level state 0 0 1 0 1 1 0 1 $2D R/W CLK_CONF Clock configuration X X X X X Table 6.Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Safing Scrap Arming |