| Zakładka z wyszukiwarką danych komponentów |
|
L9680TR Arkusz danych(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680TR Arkusz danych(HTML) 22 Page - STMicroelectronics |
|
22 / 286 page ![]() Pin out L9680 22/286 DS11615 Rev 7 4 Pin out The L9680 pin out is shown below. The IC is housed in a 100 - pin package (14 x 14 x 1.0mm) with a 7.6 x 7.6 mm exposed pad down. Figure 1. Pin connection diagram (top view) The exposed pad is electrically shorted to the substrate pins GNDSUB1 and GNDSUB2. These three connection nodes are to be kept shorted on the application. 1 2 3 5 6 4 7 8 9 10 45 11 46 47 48 49 50 86 85 84 83 81 82 80 79 78 77 76 70 69 68 66 65 67 75 74 73 71 72 GAPGPS02247 40 41 42 43 44 97 96 95 94 92 93 91 90 89 88 87 100 99 98 34 35 36 37 38 39 29 30 31 32 33 26 27 28 12 13 14 16 17 15 18 19 20 21 22 59 58 57 55 54 56 64 63 62 60 61 23 24 25 52 51 53 CS_RS SCLK_RS MOSI_RS MISO_RS RESET MISO_G MOSI_G SCLK_G CS_G WDT/TM SR4 SF4 SS45 SF5 SR5 SR0 SF0 SS01 SF1 SR1 SR8 SF8 SS89 SF9 SR9 WS0 WS1 WS2 WS3 WD2_LockOut SAF_CS3 SAF_CS2 SAF_CS1 SAF_CS0 GNDA SR6 SF6 SS67 SF7 SR7 SR2 SF2 SS23 SF3 SR3 SRA SFA SSAB SFB SRB Exposed pad down |