Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L9951 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części L9951
Szczegółowy opis  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951 Arkusz danych(HTML) 1 Page - STMicroelectronics

  L9951 Datasheet HTML 1Page - STMicroelectronics L9951 Datasheet HTML 2Page - STMicroelectronics L9951 Datasheet HTML 3Page - STMicroelectronics L9951 Datasheet HTML 4Page - STMicroelectronics L9951 Datasheet HTML 5Page - STMicroelectronics L9951 Datasheet HTML 6Page - STMicroelectronics L9951 Datasheet HTML 7Page - STMicroelectronics L9951 Datasheet HTML 8Page - STMicroelectronics L9951 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
September 2013
Doc ID 14173 Rev 9
1/36
1
L9951
L9951XP
Rear door actuator driver
Features
■
One half bridge for 7.4 A load (Ron = 150 mΩ)
■
Two half bridges for 5 A load (Ron = 200 mΩ)
■
Two highside drivers for 1.25 A load
(Ron = 800 mΩ)
■
Programmable softstart function to drive loads
with higher inrush currents (i.e.current > 7.4A,
>5A, >1.25A)
■
Very low current consumption in standby mode
(IS < 3µA, typ. Tj ≤ 85°C)
■
All outputs short circuit protected
■
Current monitor output for all highside drivers
■
All outputs over temperature protected
■
Open-load diagnostic for all outputs
■
Overload diagnostic for all outputs
■
Programmable PWM control of all outputs
■
Charge pump output for reverse polarity
protection
Applications
■
Rear door actuator driver with bridges for door
lock and safe lock and two 5W or 10W - light
bulbs.
Description
The L9951 and L9951XP are microcontroller
driven, multifunctional rear door actuator drivers
for automotive applications. Up to two DC motors
and two grounded resistive loads can be driven
with three half bridges and two hide side drivers.
The integrated standard serial peripheral interface
(SPI) controls all operation modes (forward,
reverse, brake and high impedance). All
diagnostic information is available via the SPI.
Type
Outputs(1)
1.
See block diagram.
Ron
(2)
2.
Typical values.
IOUT
VS
L9951
L9951XP
OUT1
OUT2
OUT3
OUT4
OUT5
150 m
Ω
200 m
Ω
200 m
Ω
800 m
Ω
800 m
Ω
7.4 A
5A
5A
1.25 A
1.25 A
28 V
PowerSO-36
PowerSSO-36
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSO-36
L9951
L9951TR
PowerSSO-36
L9951XP
L9951XPTR
www.st.com


Podobny numer części - L9951

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9951 STMICROELECTRONICS-L9951 Datasheet
538Kb / 36P
Rear door actuator driver
14-May-2010
L9951 STMICROELECTRONICS-L9951 Datasheet
1Mb / 22P
for car body applications
Oct-2013
L9951TR STMICROELECTRONICS-L9951TR Datasheet
538Kb / 36P
Rear door actuator driver
14-May-2010
L9951XP STMICROELECTRONICS-L9951XP Datasheet
538Kb / 36P
Rear door actuator driver
14-May-2010
More results

Podobny opis - L9951

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9950 STMICROELECTRONICS-L9950_09 Datasheet
626Kb / 39P
Door actuator driver
09-Jun-2009
L9951 STMICROELECTRONICS-L9951_10 Datasheet
538Kb / 36P
Rear door actuator driver
14-May-2010
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
Door actuator driver
22-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com