| Zakładka z wyszukiwarką danych komponentów |
|
LM2902WPT Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM2902WPT Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 20 page ![]() Symbol Parameter Test conditions Min. Typ. Max. Unit GBP Gain bandwidth product VCC + = 30 V, Vin = 10 mV, RL = 2 kΩ, CL = 100 pF 1.3 MHz THD Total harmonic distortion f = 1 kHz, AV = 20 dB, RL = 2 kΩ, Vo = 2 Vpp, CL = 100 pF, VCC + = 30 V 0.015 % en Equivalent input noise voltage f = 1 kHz, RS = 100 Ω, VCC + = 30 V 40 nV/√Hz VO1/VO2 Channel separation (3) 1 kHz ≤ f ≤ 20 kHz 120 dB 1. VO = 1.4 V, RS = 0 Ω, 5 V < VCC + < 30 V, 0 V < Vic < (VCC +) - 1.5 V. 2. The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output, so there is no change in the load on the input lines. 3. Due to the proximity of external components, ensure that stray capacitance does not cause coupling between these external parts. Typically, this can be detected as this type of capacitance increases at higher frequencies. LM2902W Electrical characteristics DS3575 - Rev 11 page 6/20 |