| Zakładka z wyszukiwarką danych komponentów |
|
L5965 Arkusz danych(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5965 Arkusz danych(HTML) 47 Page - STMicroelectronics |
|
47 / 73 page ![]() 6 Device operating mode L5965 can work in different operative modes according to input/SPI signals, OTP/SPI settings, fault management and regulators status. Figure 24. State machine SHUTDOWN STANDBY INIT RAMPUP MAIN SEC UP ACTIVE REC WKUP pin high WKUP pin low Main fail (main PG=0 & timer expired) Main ok (main PG = 1 before timer expired) Power on Sec up end SECUP fail<3 INIT ok & main VBAT > Vok Timer Main fail (main PG=0 Or main PGND loss) INIT nok VBAT 1>Vpor & OTP_PrimID!=000 & OTP_DL_END=1 Main fail (main PG=0 Or main PGND loss) WKUP pin low SECUP fail=3 RST fail (except WD_RST) OTP programming VBAT 1>Vpor & OTP_PrimID=000 & OTP_DL_END=1 VBAT 1<Vpor WKUP high >Twk_rec & REC_CNT* inv(inf_retrial_en)<3 main PGND loss WD_RST& WD_REC_en=1 WD fail & WD_REC_en=0(default) WKUP pin low GADG1405181520PS L5965 Device operating mode DS12567 - Rev 3 page 47/73 |