| Zakładka z wyszukiwarką danych komponentów |
|
L9300 Arkusz danych(PDF) 162 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 Arkusz danych(HTML) 162 Page - STMicroelectronics |
|
162 / 178 page ![]() 20 Package information To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product status are available at: www.st.com. ECOPACK is an ST trademark. 20.1 TQFP80 (14x14x1 mm. exp. pad up) package information Figure 72. TQFP80 (14x14x1 mm. exp. pad up) package outline D E1/4 D1/4 1 D2 D3 3 N 2 Bottom view Top view STAND OFF < 0 STAND OFF > 0 0 GADG2906171252PS 6 3 A B D D1 2 5 4 4 3 3 5 2 A A 13 11 14 15 E3 E2 6 13 14 12 4x N/4 TIPS aaa C A-B D bbb H 4x A-B D E1/4 D1/4 E1 E (N – 4)x e A1 A2 A b C ccc C ddd M D A-B 0.05 16 H θ2 θ1 θ θ3 S R1 R2 PLANE GAUGE B B L (L1) 2 Section B-B not to scale (b) b1 c1 c WITH PLATING BASE METAL 11 11 11 11 9 Section A-A not to scale L9300 Package information DS12258 - Rev 5 page 162/178 |