Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L9942 Arkusz danych(PDF) 32 Page - STMicroelectronics

Numer części L9942
Szczegółowy opis  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Arkusz danych(HTML) 32 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 28Page - STMicroelectronics L9942 Datasheet HTML 29Page - STMicroelectronics L9942 Datasheet HTML 30Page - STMicroelectronics L9942 Datasheet HTML 31Page - STMicroelectronics L9942 Datasheet HTML 32Page - STMicroelectronics L9942 Datasheet HTML 33Page - STMicroelectronics L9942 Datasheet HTML 34Page - STMicroelectronics L9942 Datasheet HTML 35Page - STMicroelectronics L9942 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Logic with SPI - electrical characteristics
L9942
32/40
Doc ID 11778 Rev 7
Figure 14.
Timing of status bit 0 (fault condition)
CSN high to low and CLK stays low: status information of data bit 0 (fault condition) is transferred to D0
time
time
time
time
CSN
CLK
DI
D0
D0
DI: data is not accepted
0
D0: status information of data bit 0 (fault condition) will stay as long as CSN is low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40