| Zakładka z wyszukiwarką danych komponentów |
|
L9965P-FP Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P-FP Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 104 page ![]() Table 3. Pin electrical ratings Parameter Description Test condition AMRMIN ORMIN ORMAX AMRMAX Unit Note Power supply VVIO VIO: voltage range vs. GNDx -0.3 3 5.5 20 V - VERBST ERBST: voltage range vs. GNDx -0.3 6 26 40 V - VERBSTSW ERBSTSW: voltage range vs. GNDx -0.3 0 VERBST_111+VDFW 40 V Only if ERBST used VERDCHSW ERDCHSW: voltage range vs. GNDx -0.3 6 VERBST 40 V - VPS PS: voltage range vs. GNDx -0.3 6 26 40 V - VVBATMON VBATMON: voltage range vs. GNDx -0.3 6 26 40 V - Ground VBSTGND BSTGND: voltage range vs. GNDx -0.3 -0.1 0.1 0.6 V - VPGND PGND: voltage range vs. GNDx -0.3 -0.1 0.1 0.6 V - SPI VNCS NCS: voltage range vs. GNDx -0.3 0 VVIO 20 V - VSCLK SCLK: voltage range vs. GNDx -0.3 0 VVIO 20 V - VSDI SDI: voltage range vs. GNDx -0.3 0 VVIO 20 V - VSDO SDO: voltage range vs. GNDx -0.3 0 VVIO VVIO+0.3 V - Pyro-fuse VFENx FENH,FENL: voltage range vs. GNDx -0.3 0 VVIO 20 V - VPF PF: voltage range vs. GNDx -1 0 VPS VPS+0.3 V - VPR PR: voltage range vs. GNDx -0.3 0 VPS 35 V - Wake-up VCWUP CWUP: voltage range vs. GNDx -0.3 0 VVIO 20 V - Fault VFAULTN FAULTN: voltage range vs. GNDx -0.3 0 VVIO 20 V - L9965P Product ratings DS14702 - Rev 4 page 7/104 |