Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPACE-CONNECTIVITY Arkusz danych(PDF) 4 Page - Juniper Networks, Inc.

Numer części SPACE-CONNECTIVITY
Szczegółowy opis  JUNOS SPACE CONNECTIVITY SERVICES DIRECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JUNIPER [Juniper Networks, Inc.]
Strona internetowa  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

SPACE-CONNECTIVITY Arkusz danych(HTML) 4 Page - Juniper Networks, Inc.

  SPACE-CONNECTIVITY Datasheet HTML 1Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 2Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 3Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 4Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 5Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 6Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Junos Space Connectivity Services Director
designer to decide how the resources for the service should be
selected, whether the Connectivity Services directory uses an
automated service to pick resources, or whether an operator
should manually enter the values.
Connectivity Services Director comes with predefined service
definitions that capture Juniper best practices for standard
services in terms of the options selected, prefilled values for
attributes such as bandwidth, maximum transmission unit (MTU),
interface encapsulation, and more. Service providers can create
custom service definitions based on the service requirements.
Service Provisioning
Seventy-five percent of network outages are due to human error,
such as misconfigurations when changing an existing customer.
Imagine that you have to activate a 20-site VPLS for a customer.
Do you start a spreadsheet and keep track of the endpoints, PE
routers, interfaces, VLANs per interfaces, route targets, route
distinguishers, and other MPLS resources? To use this approach,
you would start by configuring the first site with great attention
to detail, update your spreadsheet or piece of paper, and slowly
make your way to the twentieth site by the end of the week.
Now, how do you know that the VPLS for the twentieth site is
working? You need to go site by site and verify that you have
reachability to all remote sites, issuing 20x19 pings.
What happens when you lose the spreadsheet that contains all
of the information for this customer VPN? What do you do if
you need to add a twenty-first site to this VPN and verify that
this new site is working with the 20 preceding sites?
Connectivity Services Director provides a simple GUI-based
provisioning tool that allows the operator to easily select the
endpoints for activating multisite services. It also provides
pre-validation before applying configuration to target devices,
verifying that there are no collisions with existing configurations
on the target devices and ensuring that a set of network
parameters ultimately works and renders the service functional.
Service Validation and Troubleshooting
Generating an accurate configuration and applying that
configuration is the first step in managing a service. However,
ensuring that the service is operational requires an additional
step that Connectivity Services Director provides. Verifying that
the control plane and data plane are functional guarantees that
the service is actually up and running.
The real value of Junos Space Connectivity Services Director
comes when the number of sites is large. The Functional Audit
feature verifies the service status both toward the core and
access side. On the core side, it does a control plane and data
plane validation across all sites in the service. On the access
side, it checks the interface status of all endpoints.
If one or more sites are not reachable, the operator is
immediately alerted to the broken sites with a detailed analysis
of the failure conditions. Predefined Stylesheet Language
Alternative Syntax (SLAX) scripts are available to help in
troubleshooting. Customized SLAX scripts can be associated
with services for additional troubleshooting.
Figure 4: Functional Audit—control plane and data plane validation
The ability to monitor status, traffic utilization, and SLA services
is important for any service provider. Connectivity Services
Director monitors all managed services, including:
• Service Summary: Provides overall status of the service
along with control plane status for each pair of devices
• Service Traffic: Provides interface traffic for all endpoints
that are part of the VPN service
• Service Transport: Provides the LSP associated between
provider edge devices being used by the VPN service
• Service Performance: Provides Y.1731 performance data
for E-Line and E-LAN services
Figure 5: Service monitoring



Html Pages

1 2 3 4 5 6 7